Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STPM32 Datasheet HTML 25Page - STMicroelectronics STPM32 Datasheet HTML 26Page - STMicroelectronics STPM32 Datasheet HTML 27Page - STMicroelectronics STPM32 Datasheet HTML 28Page - STMicroelectronics STPM32 Datasheet HTML 29Page - STMicroelectronics STPM32 Datasheet HTML 30Page - STMicroelectronics STPM32 Datasheet HTML 31Page - STMicroelectronics STPM32 Datasheet HTML 32Page - STMicroelectronics STPM32 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 89 page
background image
8.4.1
Active power and energy calculation
The signal chain for the active power, energy calculations and related frequency conversion are shown in
Figure 33. The instantaneous power signal p(t) is generated by multiplying the current and voltage signals. This
value can be compensated by the active power offset calibration block (OFAx[8:0] in DSP_CR9 and DSP_CR11
registers). DC component of the instantaneous power signal (average power) is then extracted by LPF (low-pass
filter) to obtain the active power information.
Figure 33. Active power and energy calculation block diagram
IIPx
IINx
PLNA
VIPx
VINx
HPF
HPF
ROCOIL
INT
BHPFVx
BHPFCx
ROCx
Vx Data [23:0]
Vx [23:0]
Cx [23:0]
bsV
bsC
CHVx[11:0]
CHCx[11:0]
Phase
Compensation
Phase
Compensation
Cx Data [23:0]
LPF
Offset
Σ
LED
ADC
ADC
OFAx[9:0]
PHx Momentary Active Power[28:0]
PHx Active Power[28:0]
PHx Active Energy[31:0]
The active power is calculated simultaneously and independently for primary and secondary current channels.
Results of the calculated quantities are stored in the registers as follows:
EP1 = primary current channel active energy PH1 ACTIVE Energy[31:0]
P1 = primary current channel active power PH1 Active Power[28:0]
p1(t) = primary current channel instantaneous active power PH1 Momentary Active Power [28:0]
EP2 = secondary current channel active energy PH2 Active Energy[31:0]
P2 = secondary current channel active power PH2 Active Power[28:0]
p2(t) = secondary current channel instantaneous active power PH2 Momentary Active Power[28:0]
Active power measurements have a bandwidth of 3.6 kHz and include the effects of any harmonic within that
range.
8.4.2
Fundamental active power and energy calculation
The signal chain for the fundamental active power, energy calculations and related frequency conversion are
shown in Figure 34. The signal flow is the same as the active energy wideband, but voltage and current
waveforms are filtered to remove all harmonic components but the first (45 - 65 Hz). Power value can be
compensated by the active power offset calibration block (OFAFx[8:0] in DSP_CR9 and DSP_CR11).
STPM32, STPM33, STPM34
Functional description of hardwired DSP
DS10272 - Rev 13
page 29/89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com