Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STPM32 Datasheet HTML 30Page - STMicroelectronics STPM32 Datasheet HTML 31Page - STMicroelectronics STPM32 Datasheet HTML 32Page - STMicroelectronics STPM32 Datasheet HTML 33Page - STMicroelectronics STPM32 Datasheet HTML 34Page - STMicroelectronics STPM32 Datasheet HTML 35Page - STMicroelectronics STPM32 Datasheet HTML 36Page - STMicroelectronics STPM32 Datasheet HTML 37Page - STMicroelectronics STPM32 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 89 page
background image
R= x2R
(7)
By assumption, the feedback signal R is DC type and therefore, it can be extracted from the average operation
and the above equation can be rearranged into:
Equation 8
R2= x2
(8)
By a square-root operation on both sides of previous equation we get:
Equation 9
R= x2
(9)
which is RMS value exact definition.
With an AC input signal:
Equation 10
x=xt =Asinωt
(10)
x2=A2sin2ωt =A21−cos2ωt2
The LP filter cuts the 2nd harmonic component of input signal multiplying it by a dumping factor α:
Equation 11
R=A 1−αcos2ωt2 A2 1−α2cosωt
(11)
R result is a DC signal plus the 2nd harmonic ripple with the amplitude of α/2. For dumping factor | α |<<1:
Equation 12
R A2
(12)
RMS updated values are available in DSP_REG14 and DSP_REG15 registers every 128 μs.
Raw ADC samples are also available for post-processing by MCU in registers from DSP_REG2 to DSP_REG9.
By taking into account the internal parameters in Table 12 and the analog front end components in Table 13, LSB
values of voltage and current registers are the following:
Table 14. STPM3x current voltage LSB values
Parameter
Value
Voltage RMS LSB value
LSBVRMS= Vref∙ 1+R1R2
calV∙AV∙215 V
Current RMS LSB value
LSBIRMS= Vref
calI∙AI∙kS∙kint∙217A
Instantaneous voltage normalized
vn Vnorm= −1 ∙223∙vn 23−vn 22:0
223
Instantaneous current normalized
in Inorm= −1∙223∙in 23−in 22:0
223
Instantaneous voltage LSB value
LSBVMOM= Vref∙ 1+R1R2
calV∙AV∙223 V
Instantaneous current LSB value
LSBIMOM= Vref
calI∙AI∙kS∙kint∙223A
8.4.8
Zero-crossing signal
Zero-crossing signals of voltage and current come from fundamental values of voltage and current and output
from LPF filter. Resolution of the zero-crossing signal is 8 μs given by FCLK clock = 125 kHz.
STPM32, STPM33, STPM34
Functional description of hardwired DSP
DS10272 - Rev 13
page 34/89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com