Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3265PVC-LP Datasheet(PDF) 108 Page - Infineon Technologies AG

Part # CY8C3265PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3265PVC-LP Datasheet(HTML) 108 Page - Infineon Technologies AG

Back Button CY8C3265PVC-LP Datasheet HTML 104Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 105Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 106Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 107Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 108Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 109Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 110Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 111Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 112Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 107 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
11.5.9 Mixer
The mixer is created using a SC/CT analog block; see the Mixer component datasheet in PSoC Creator for full electrical specifications
and APIs.
11.5.10 Transimpedance Amplifier
The TIA is created using a SC/CT analog block; see the TIA component datasheet in PSoC Creator for full electrical specifications
and APIs.
Table 11-38. Mixer DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
VOS
Input offset voltage
High power mode, VIN = 1.024 V,
VREF = 1.024 V
––
15
mV
Quiescent current
–
0.9
2
mA
G
Gain
–
0
–
dB
Table 11-39. Mixer AC Specifications[65]
Parameter
Description
Conditions
Min
Typ
Max
Units
fLO
Local oscillator frequency
Down mixer mode
–
–
4
MHz
fin
Input signal frequency
Down mixer mode
–
–
14
MHz
fLO
Local oscillator frequency
Up mixer mode
–
–
1
MHz
fin
Input signal frequency
Up mixer mode
–
–
1
MHz
SR
Slew rate
3
–
–
V/µs
Table 11-40. Transimpedance Amplifier (TIA) DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
VIOFF
Input offset voltage
–
–
10
mV
Rconv
Conversion resistance[66]
R = 20K; 40 pF load
–25
–
+35
%
R = 30K; 40 pF load
–25
–
+35
%
R = 40K; 40 pF load
–25
–
+35
%
R = 80K; 40 pF load
–25
–
+35
%
R = 120K; 40 pF load
–25
–
+35
%
R = 250K; 40 pF load
–25
–
+35
%
R= 500K; 40 pF load
–25
–
+35
%
R = 1M; 40 pF load
–25
–
+35
%
Quiescent current[65]
–1.1
2
mA
Table 11-41. Transimpedance Amplifier (TIA) AC Specifications[65]
Parameter
Description
Conditions
Min
Typ
Max
Units
BW
Input bandwidth (–3 dB)
R = 20K; –40 pF load
1200
–
–
kHz
R = 120K; –40 pF load
240
–
–
kHz
R = 1M; –40 pF load
25
–
–
kHz
Notes
65. Based on device characterization (Not production tested).
66. Conversion resistance values are not calibrated. Calibrated values and details about calibration are provided in PSoC Creator component datasheets. External precision
resistors can also be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com