Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3265PVC-LP Datasheet(PDF) 111 Page - Infineon Technologies AG

Part # CY8C3265PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3265PVC-LP Datasheet(HTML) 111 Page - Infineon Technologies AG

Back Button CY8C3265PVC-LP Datasheet HTML 107Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 108Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 109Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 110Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 111Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 112Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 113Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 114Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 115Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 110 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
11.5.12 Temperature Sensor
11.5.13 LCD Direct Drive
Table 11-44. Temperature Sensor Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Temp sensor accuracy
Range: –40 °C to +105 °C
–
±5
–
°C
Table 11-45. LCD Direct Drive DC Specifications[69]
Parameter
Description
Conditions
Min
Typ
Max
Units
ICC
LCD Block (no glass)
Device sleep mode with wakeup at
400Hz rate to refresh LCD, bus, clock =
3MHz, Vddio = Vdda = 3V, 8 commons,
16 segments, 1/5 duty cycle, 40 Hz
frame rate, no glass connected
–81
–
μA
ICC_SEG
Current per segment driver
Strong drive mode
–
260
–
µA
VBIAS
LCD bias range (VBIAS refers to the
main output voltage(V0) of LCD DAC)
VDDA ≥ 3 V and VDDA ≥ VBIAS
2–
5
V
LCD bias step size
VDDA ≥ 3 V and VDDA ≥ VBIAS
–
9.1 × VDDA
–mV
LCD capacitance per segment/
common driver
Drivers may be combined
–
500
5000
pF
Maximum segment DC offset
VDDA ≥ 3 V and VDDA ≥ VBIAS
––
20
mV
IOUT
Output drive current per segment
driver)
VDDIO = 5.5 V, strong drive mode
355
–
710
µA
Table 11-46. LCD Direct Drive AC Specifications[69]
Parameter
Description
Conditions
Min
Typ
Max
Units
fLCD
LCD frame rate
10
50
150
Hz
Note
69. Based on device characterization (Not production tested).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com