Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3265PVC-LP Datasheet(PDF) 113 Page - Infineon Technologies AG

Part # CY8C3265PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3265PVC-LP Datasheet(HTML) 113 Page - Infineon Technologies AG

Back Button CY8C3265PVC-LP Datasheet HTML 109Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 110Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 111Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 112Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 113Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 114Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 115Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 116Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 117Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 112 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
11.6.2 Counter
The following specifications apply to the Timer/Counter/PWM peripheral, in counter mode. Counters can also be implemented in
UDBs; for more information, see the Counter component datasheet in PSoC Creator.
Table 11-49. Counter DC Specifications[72]
Parameter
Description
Conditions
Min
Typ
Max
Units
Block current consumption
16-bit counter, at listed input clock
frequency
––
–
µA
3 MHz
–
15
–
µA
12 MHz
–
60
–
µA
48 MHz
–
260
–
µA
80 MHz
–
360
–
µA
Table 11-50. Counter AC Specifications[72]
Parameter
Description
Conditions
Min
Typ
Max
Units
Operating frequency
DC
–
80.01
MHz
Capture pulse[73]
15
–
–
ns
Resolution[73]
15
–
–
ns
Pulse width[73]
15
–
–
ns
Pulse width (external)
30
ns
Enable pulse width[73]
15
–
–
ns
Enable pulse width (external)
30
–
–
ns
Reset pulse width[73]
15
–
–
ns
Reset pulse width (external)
30
–
–
ns
Notes
72. Based on device characterization (Not production tested).
73. For correct operation, the minimum Timer/Counter/PWM input pulse width is the period of bus clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com