Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1120ACPZN-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADPA1120ACPZN-R7
Description  4.5W (36.5dBm), 8GHz to 12GHz, GaN Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1120ACPZN-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADPA1120ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Data Sheet
ADPA1120
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 19
TCASE = 25°C, VDD = 20V, IDQ = 50mA, pulse width = 100µs, 10% duty cycle, and frequency range = 11.5GHz to 12GHz, unless otherwise
noted.
Table 3. 11.5GHz to 12GHz Frequency Range
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
11.5
12
GHz
GAIN
S21
35.5
dB
Gain Flatness
±2.33
dB
RETURN LOSS
S11
11
dB
S22
12
dB
POWER
POUT
34.5
dBm
PIN = 1dBm
Gain
33.5
dB
PIN = 1dBm
PAE
42
%
PIN = 1dBm
IDQ
50
mA
Adjust VGG1 between −3V and −1V to achieve an IDQ = 50mA, VGG1 =
−2.0V typical to achieve IDQ = 50mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com