Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1120ACPZN-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADPA1120ACPZN-R7
Description  4.5W (36.5dBm), 8GHz to 12GHz, GaN Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1120ACPZN-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADPA1120ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Data Sheet
ADPA1120
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 18 of 19
THERMAL MANAGEMENT
Proper thermal management is critical to achieve the specified
performance and rated operating life. The ADPA1120 can support
both continuous and pulsed operation; however, pulsed biasing
provides better thermal management to maintain a safe channel
temperature (TCHAN). TCHAN (or the die temperature) correlates
closely with the mean time to failure.
Consider a continuous bias case (see Figure 50). When bias is ap-
plied, the TCHAN of the ADPA1120 rises through a turn-on transient
interval and eventually settles to a steady state value. Calculate the
thermal resistance (θJC) of the device as the rise in TCHAN above
the starting base temperature (TBASE ) divided by the total device
PDISS with the following equation:
θJC = tRISE/PDISS
where:
tRISE is the rise in TCHAN of the ADPA1120 above the TBASE (°C).
PDISS is the power dissipation (W) of the ADPA1120.
Figure 50. Channel Temperature Rise for Continuous Bias Condition
Next, consider a pulsed bias case at low duty cycle (see Figure 51).
When bias is applied, the TCHAN of the ADPA1120 can be described
as a series of exponentially rising and decaying pulses. The peak
TCHAN reached during consecutive pulses increases during the
turn-on transient interval, and eventually, this temperature settles to
a steady state condition where the peak TCHAN from pulse to pulse
stabilizes.
Figure 51. Pulsed Bias at Low Duty Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com