Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1120ACPZN-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADPA1120ACPZN-R7
Description  4.5W (36.5dBm), 8GHz to 12GHz, GaN Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1120ACPZN-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADPA1120ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Data Sheet
ADPA1120
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 11 of 19
Figure 27. PAE at PIN = 1dBm vs. Frequency for Various Temperatures
Figure 28. PAE at PIN = 1dBm vs. Frequency for Various Supply Currents
Figure 29. PAE at PIN = 1dBm vs. Frequency for Various Supply Voltages
Figure 30. PAE vs. Frequency for Various PIN Values
Figure 31. PAE at PIN = 1dBm vs. Frequency for Various Pulse Widths at 10%
Duty Cycle
Figure 32. PAE at PIN = 1dBm vs. Frequency for Various Duty Cycles at 100µs
Pulse Width



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com