Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1120ACPZN-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADPA1120ACPZN-R7
Description  4.5W (36.5dBm), 8GHz to 12GHz, GaN Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1120ACPZN-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADPA1120ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Data Sheet
ADPA1120
THEORY OF OPERATION
analog.com
Rev. 0 | 15 of 19
The ADPA1120 is a GaN power amplifier that delivers 36.5dBm
(4.5W) of pulsed power. The device consists of four cascaded gain
stages. A simplified block diagram is shown in Figure 48.
The positive bias voltage that applied to the VDD1-2, VDD3, and
VDD4 pins provides bias to the drains of the first, second, third and
fourth gain stages, respectively (a single common supply voltage
must be used). The negative DC voltages are applied to the
VGG1-2, VGG3, and VGG4 gates bias pins of the first, second,
third and fourth gain stages, respectively, to allow control of the
drain currents for each stage.
The recommended DC biasing results in a typical pulsed RF POUT
and PAE of 36.5dBm and 47%, respectively, across the band of
9.5GHz to 11.5GHz when the input power is 1dBm.
The ADPA1120 has single-ended RFIN and RFOUT ports that are
AC-coupled. The impedance of these ports are nominally 50Ω over
the 8GHz to 12GHz operating frequency range. Consequently, the
ADPA1120 can be directly inserted into a 50Ω system without the
need for external impedance matching components or AC coupling
capacitors.
A portion of the RF output signal (RFOUT) is directionally coupled
to a diode to detect the RF POUT. When the diode is DC biased
externally through a resistor, it rectifies the RF power and makes
it available as a DC voltage at VDET. To allow temperature com-
pensation of VDET, the reference DC voltage detected through an
identical diode that is not coupled to the RF power is available
on the VREF pin. The difference of VREF − VDET provides a temper-
ature-compensated detector voltage that is proportional to the RF
POUT.
The small signal gain drops significantly at −40°C because the
device is biased close to the transistor pinch-off voltage. At cold
temperatures, the pinch-off voltage shifts more positive as can be
seen in Figure 46. As a result, a more positive gate voltage is
required to turn on the transistor and have current flow. The gain
at small signal levels and cold temperatures are much lower than
room temperature; however, the performance at large signal levels
is as expected and shown in Figure 21.
The data in this data sheet was captured by setting the drain
current to a nominal IDQ, that is, 50mA. After this initial IDQ was
determined, the gate voltage was kept constant in subsequent
testing and operation. It is possible that the IDQ will increase by
some amount with continued operation at that fixed VGG gate volt-
age. Keeping the gate voltage constant during long-term operation
provides more consistent RF performance than keeping a nominal
IDQ constant.
Figure 48. Basic Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com