Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1120ACPZN-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADPA1120ACPZN-R7
Description  4.5W (36.5dBm), 8GHz to 12GHz, GaN Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1120ACPZN-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADPA1120ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Data Sheet
ADPA1120
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 6 of 19
Figure 2. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1 to 3, 7 to 9, 12, 13,
16 to 19, 21, 22, 24
to 28, 32
NIC
Not Internally Connected. The NIC pins are not connected internally. However, all data shown was measured with
the NIC pins connected to RF and DC ground externally.
4, 6
GND
Ground. The GND pins must be connected to RF and DC ground. See Figure 3 for the interface schematic.
5
RFIN
RF Input. The RFIN pin is AC-coupled in the signal path and is matched to 50Ω. See Figure 4 for the interface
schematic. If the RFIN pin is externally connected to a DC bias level other than 0 V, AC-couple the RFIN pin
externally because of the internal DC path to ground.
10
VREF
Reference Diode for Temperature Compensation of VDET RF POUT Measurements. See Figure 8 for the interface
schematic.
11, 14, 15
VDD1-2, VDD3, VDD4
Drain Bias Voltages. First, second, third and fourth stage drain bias. See Figure 7 for the interface schematic.
20
RFOUT
RF Output. The RFOUT pin is AC-coupled and is matched to 50Ω. See Figure 6 for the interface schematic.
23
VDET
Detector Diode to Measure RF POUT. POUT detection via the VDET pin requires the application of a DC bias
voltage through an external series resistor. Used in combination with the VREF pin, the difference voltage (VREF
voltage (VREF) − VDET voltage (VDET)) is a temperature compensated DC voltage that is proportional to the RF
POUT. See Figure 8 for the interface schematic.
29, 30, 31
VGG4, VGG3, VGG1-2
Gate Bias Voltages. First, second, third and fourth stage gate bias. See Figure 5 for the interface schematic.
EPAD
Exposed Pad. The exposed pad must be connected to RF and DC ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com