Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1120ACPZN-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADPA1120ACPZN-R7
Description  4.5W (36.5dBm), 8GHz to 12GHz, GaN Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1120ACPZN-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADPA1120ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Data Sheet
ADPA1120
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 5 of 19
Table 4. Absolute Maximum Ratings
Parameter
Rating
Bias Voltage
Drain (VDD1-2, VDD3, and VDD4)
35V DC
Gate (VGG1-2, VGG3, and VGG4)
−8V DC to 0V DC
Continuous Wave RF Input Power (RFIN)
12dBm
Maximum Power Dissipation, PDISS
Drain Bias Pulse Width = 100μs at 10% Duty Cycle,
TCASE = 85°C
17W
Continuous Drain Bias, TCASE = 85°C
14W
Temperature
Maximum Channel
225°C
Storage Range
−65°C to +150°C
Operating Range
−40°C to +85°C
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required.
θJC is the junction to case thermal resistance.
Table 5. Thermal Resistance
Package Type1, 2
Pulsed 10% Duty Cycle, 100μs
Pulse Width, θJC
Continuous
Wave θJC
Unit
CP-32-13
8.20
10
°C/W
1 θJC was determined under the following conditions: the heat transfer is due
solely to the thermal conduction from the channel through the ground pad to
the PCB, and the ground pad is held constant at the operating temperature of
85°C.
2 Drain bias pulse width = 100µs at 10% duty cycle.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD
sensitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
ESD Ratings for ADPA1120
Table 6. ADPA1120, 32-Lead LFCSP
ESD Model
Withstand Threshold (V)
Class
HBM
200
0B
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged
devices and circuit boards can discharge without detection.
Although this product features patented or proprietary protec-
tion circuitry, damage may occur on devices subjected to high
energy ESD. Therefore, proper ESD precautions should be
taken to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com