Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1120ACPZN-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADPA1120ACPZN-R7
Description  4.5W (36.5dBm), 8GHz to 12GHz, GaN Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1120ACPZN-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADPA1120ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Data Sheet
ADPA1120
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 17 of 19
RECOMMENDED BIAS SEQUENCE
The recommended bias sequence for power‑up is as follows:
1. Connect all GND pins to ground.
2. Set the voltages on the VGG1-2, VGG3, and VGG4 pins to −4V.
3. Set the voltages on the VDD1-2, VDD3, and VDD4 pins to 20V.
4. Increase the voltages of the VGG1-2, VGG3, and VGG4 pins
from −3V to −1V to achieve the desired IDQ, nominally 50mA.
5. Apply the RF signal to the RFIN pin.
The recommended sequence for the transmit state during pow-
er‑down is as follows:
1. Turn off the RF signal.
2. Decrease the voltages of the VGG1-2, VGG3, and VGG4 pins
to −4V.
3. Set the voltages on the VDD1-2, VDD3, and VDD4 pins to 0V.
4. Set the voltages on the VGG1-2, VGG3, and VGG4 pins to 0V.
All measurements and data shown in this data sheet were taken
using the basic connections circuit (see Figure 49) and biased per
the conditions in this section, unless otherwise noted. The bias
conditions described in this section are the operating points rec-
ommended to optimize the overall device performance. Operation
using other bias conditions can result in performance that differs
from what is shown in the Typical Performance Characteristics
section. To obtain optimal performance while not damaging the de-
vice, follow the recommended biasing sequences described in this
section and adhere to the values shown in the Absolute Maximum
Ratings section.
DRAIN PULSING
To implement drain pulsed operation on the ADPA1120, apply a
negative voltage to the gate pins of the power amplifier while the
voltage on the drain pins are pulsed between 0V and 20V.
The power supplies used to provide the drain voltages to the
ADPA1120 must have a fast transient response to minimize voltage
droop.
Drain Pulsing Setup
Take the following steps to set up drain pulsing:
1. Connect all power supply, ground, and control signals to the
ADPA1120, see Figure 49.
2. To pulse the power amplifier, set the voltages on the VGG1-2,
VGG3 and VGG4 pins to −4V and set the voltages on the
VDD1-2, VDD3, and VDD4 pins to 20V.
3. Turn on the drain voltage pulse pins, VDD1-2, VDD3 and
VDD4, pulsing between 0V and 20V, 100μs, and 10% duty
cycle typical.
4. Adjust the voltages on the VGG1-2, VGG3 and VGG4 pins
between −3V and −1V until the target pulsed IDQ is reached
(nominally 50mA).
5. Apply the RF input signal.
GATE PULSING
To implement gate pulsed operation on the ADPA1120, apply a
pulsed negative voltage to the gate pins of the power amplifier while
the voltage on the drain pins are held constant.
The power supplies used to provide the drain voltages to the
ADPA1120 must have a fast transient response to minimize voltage
droop.
Gate Pulsing Setup
Take the following steps to set up gate pulsing:
1. Connect all power supply, ground, and control signals to the
ADPA1120, see Figure 49.
2. To pulse the power amplifier, set the voltages on the VGG1-2,
VGG3 and VGG4 pins to −4V and set the voltages on the
VDD1-2, VDD3 and VDD4 pins to 20V.
3. Turn on the gate voltage pulse pins, VGG1-2, VGG3 and
VGG4, pulsing between −4V and approximately −3V, 100μs,
and 10% duty cycle typical.
4. Adjust the gate voltage pulse high-voltage between −3V and
−1V to achieve the target pulsed IDQ (nominally 50mA) while
maintaining the pulse off voltage level at −4V.
5. Apply the RF input signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com