Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1120ACPZN-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADPA1120ACPZN-R7
Description  4.5W (36.5dBm), 8GHz to 12GHz, GaN Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1120ACPZN-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADPA1120ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADPA1120ACPZN-R7 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Data Sheet
ADPA1120
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 16 of 19
BASIC CONNECTIONS
The basic connections for operating the ADPA1120 are shown in
Figure 49. Apply a power supply voltage between 14V and 20V to
the VDD1-2, VDD3, and VDD4 pins. Decouple the VGG1-2, VGG3,
VGG4, VDD1-2, VDD3, and VDD4 pins with the capacitor and
resistor values shown in Figure 49. The gate bias pins, VGG1-2,
VGG3, and VGG4, are used to bias the ADPA1120. Pin 1 to Pin 3,
Pin 7 to Pin 9, Pin 12, Pin 13, Pin 16 to Pin 19, Pin 21, Pin 22,
Pin 24 to Pin 28, and Pin 32 are designated as the not internally
connected (NIC) pins. Although these NIC pins are not internally
connected, the NIC pins were all connected to ground during the
characterization of the device.
Apply a voltage between −3V and −1V to the VGGx pins to set the
bias level and drain current. The ADPA1120 can support both con-
tinuous and pulsed operation; however, pulsed operation provides
better thermal management by pulsing either the gate voltage or
the drain voltage.
In gate pulsed mode, VDD is held at a fixed level (nominally 20V)
while the gate voltage is pulsed between −4V (off) and approxi-
mately −3V to −1V (on). The exact on level can be adjusted to
achieve the desired IDQ.
In drain pulsed mode, the VDD voltage is pulsed on and off while the
gate voltage is held at a fixed negative level between −3V and −1V.
Because high currents and voltages are being switched on and off,
a metal-oxide semiconductor field effect transistor (MOSFET) and a
MOSFET switch driver are required in the circuit. Large capacitors
are also required, which act as local reservoirs of charge, and these
capacitors help provide the drain current required by the ADPA1120
while maintaining a steady drain voltage during the on time of the
pulse.
The ADPA1120-EVALZ evaluation board package includes a plugin
pulser board that contains the required circuitry to implement drain
pulsed mode. See the ADPA1120-EVALZ user guide for more
information.
To safely turn power on, the VGGx pins must be set to −4V before
VDD is applied. After the VGGx pins are increased to achieve the
desired drain bias current, the RF input can be applied. Trigger the
RF source so that the RF is applied only during the time the drain
pulse is high. To safely turn power off, remove the RF input signal
and decrease the VGGx pins to −4V. VDD can then be decreased to
0V before increasing VGG1-2 to 0V.
Figure 49. Basic Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com