Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB320 Datasheet(PDF) 18 Page - Texas Instruments

Part # TUSB320
Description  TUSB320 USB Type-C™ Configuration Channel Logic and Port Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB320 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TUSB320 Datasheet HTML 14Page - Texas Instruments TUSB320 Datasheet HTML 15Page - Texas Instruments TUSB320 Datasheet HTML 16Page - Texas Instruments TUSB320 Datasheet HTML 17Page - Texas Instruments TUSB320 Datasheet HTML 18Page - Texas Instruments TUSB320 Datasheet HTML 19Page - Texas Instruments TUSB320 Datasheet HTML 20Page - Texas Instruments TUSB320 Datasheet HTML 21Page - Texas Instruments TUSB320 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
Table 7-7. CSR Registers Bit Address and Description (continued)
ADDRESS
BIT(S)
BIT NAME
DESCRIPTION
ACCESS
0x09
7:6
ATTACHED_STATE
This is an additional method to communicate attach other
than the ID pin. These bits can be read by the application to
determine what was attached.
00 – Not attached (default)
01 – Attached.SRC (DFP)
10 – Attached.SNK (UFP)
11 – Attached to an accessory
RU
5
CABLE_DIR
Cable orientation. The application can read these bits for
cable orientation information.
0 – CC1
1 – CC2 (default)
RU
4
INTERRUPT_STATUS
The INT pin is pulled low whenever a CSR changes. When
a CSR change has occurred this bit should be held at 1 until
the application clears it.
0 – Clear
1 – Interrupt (When INT_N is pulled low, this bit will be 1.
This bit is 1 whenever any CSR are changed)
Note: SW must make sure the INTERRUPT_STATUS has
been cleared to zero. Rewrites to this register are needed
for the INT_N to be correctly asserted for all interrupt
events.
RCU
3
Reserved
R
2:1
DRP_DUTY_CYCLE
Percentage of time that a DRP advertises DFP during tDRP
00 – 30% (default)
01 – 40%
10 – 50%
11 – 60%
RW
0
Reserved
R
TUSB320, TUSB320I
SLLSEN9F – MAY 2015 – REVISED MARCH 2022
www.ti.com
18
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TUSB320 TUSB320I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com