Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB320 Datasheet(PDF) 20 Page - Texas Instruments

Part # TUSB320
Description  TUSB320 USB Type-C™ Configuration Channel Logic and Port Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB320 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TUSB320 Datasheet HTML 16Page - Texas Instruments TUSB320 Datasheet HTML 17Page - Texas Instruments TUSB320 Datasheet HTML 18Page - Texas Instruments TUSB320 Datasheet HTML 19Page - Texas Instruments TUSB320 Datasheet HTML 20Page - Texas Instruments TUSB320 Datasheet HTML 21Page - Texas Instruments TUSB320 Datasheet HTML 22Page - Texas Instruments TUSB320 Datasheet HTML 23Page - Texas Instruments TUSB320 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and
TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
8.1 Application Information
The TUSB320 device is a Type-C configuration channel logic and port controller. The TUSB320 device can
detect when a Type-C device is attached, what type of device is attached, the orientation of the cable, and power
capabilities (both detection and broadcast). The TUSB320 device can be used in a source application (DFP) or
in a sink application (UFP).
CC/Mode
Controller
TUSB320
VDD
CC1
CC2
DP
DM
PORT
Processor
GPIOs
VBUS
GND
VBUS
ID
2.7 - 5 V
5 V
I2C
Copyright © 2016, Texas Instruments Incorporated
Figure 8-1. TUSB320 in UFP Mode Supporting
Default Implementation
CC/Mode
Controller
PMIC
TUSB320
VDD
VPH
CC1
CC2
DP
DM
PORT
VBUS
ID
Processor
GPIOs
VBUS
I2C
Copyright © 2016, Texas Instruments Incorporated
Figure 8-2. TUSB320 in UFP Mode Supporting
Advanced Power Delivery
CC/Mode
Controller
TUSB320
VDD
CC1
CC2
DP
DM
ID
PORT
Processor
GPIOs
Legacy TypeA
Switch
5 V
VBUS
VBUS
2.7 - 5 V
VDD
I2C
Copyright © 2016, Texas Instruments Incorporated
Figure 8-3. TUSB320 in DFP Mode Supporting
Default Implementation
CC/Mode
Controller
PMIC
TUSB320
VDD
VPH
CC1
CC2
DP
DM
PORT
VBUS
ID
Processor
GPIOs
VBUS
VDD
I2C
Copyright © 2016, Texas Instruments Incorporated
Figure 8-4. TUSB320 in DFP Mode Supporting
Advanced Power Delivery
5 V
2.7 - 5 V
CC/Mode
Controller
TUSB320
VDD
CC1
CC2
DP
DM
ID
PORT
Processor
GPIOs
VBUS
VBUS
Legacy TypeA
Switch
I2C
Copyright © 2016, Texas Instruments Incorporated
Figure 8-5. TUSB320 in DRP Mode Supporting
Default Implementation
PMIC
CC/Mode
Controller
TUSB320
VDD
VPH
CC1
CC2
DP
DM
PORT
VBUS
ID
Processor
GPIOs
VBUS
I2C
Copyright © 2016, Texas Instruments Incorporated
Figure 8-6. TUSB320 in DRP Mode Supporting
Advanced Power Delivery
TUSB320, TUSB320I
SLLSEN9F – MAY 2015 – REVISED MARCH 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TUSB320 TUSB320I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com