Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB320 Datasheet(PDF) 2 Page - Texas Instruments

Part # TUSB320
Description  TUSB320 USB Type-C™ Configuration Channel Logic and Port Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB320 Datasheet(HTML) 2 Page - Texas Instruments

  TUSB320 Datasheet HTML 1Page - Texas Instruments TUSB320 Datasheet HTML 2Page - Texas Instruments TUSB320 Datasheet HTML 3Page - Texas Instruments TUSB320 Datasheet HTML 4Page - Texas Instruments TUSB320 Datasheet HTML 5Page - Texas Instruments TUSB320 Datasheet HTML 6Page - Texas Instruments TUSB320 Datasheet HTML 7Page - Texas Instruments TUSB320 Datasheet HTML 8Page - Texas Instruments TUSB320 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................4
6 Specifications.................................................................. 5
6.1 Absolute Maximum Ratings........................................ 5
6.2 ESD Ratings............................................................... 5
6.3 Recommended Operating Conditions.........................5
6.4 Thermal Information....................................................5
6.5 Electrical Characteristics.............................................6
6.6 Timing Requirements..................................................7
6.7 Switching Characteristics............................................7
7 Detailed Description........................................................9
7.1 Overview..................................................................... 9
7.2 Functional Block Diagram........................................... 9
7.3 Feature Description...................................................10
7.4 Device Functional Modes..........................................13
7.5 Programming............................................................ 15
7.6 Register Maps...........................................................16
8 Application and Implementation.................................. 20
8.1 Application Information............................................. 20
8.2 Typical Application.................................................... 21
8.3 Initialization Set Up................................................... 27
9 Power Supply Recommendations................................27
10 Layout...........................................................................27
10.1 Layout Guidelines................................................... 27
10.2 Layout Example...................................................... 27
11 Device and Documentation Support..........................28
11.1 Receiving Notification of Documentation Updates.. 28
11.2 Support Resources................................................. 28
11.3 Trademarks............................................................. 28
11.4 Electrostatic Discharge Caution.............................. 28
11.5 Glossary.................................................................. 28
12 Mechanical, Packaging, and Orderable
Information.................................................................... 28
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (May 2017) to Revision F (March 2022)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document..................1
• Updated the term master to controller throughout the data sheet to align with MIPI I3C specification and
NXP's Inclusive Language Project......................................................................................................................1
• Added the Junction Temperature to the Absolute Maximum Ratings section.....................................................5
• Changed the tCCCB_DEFAULT typical parameter from 168 ms to 133 ms.......................................................7
• Added Functional Block Diagram section........................................................................................................... 9
Changes from Revision D (October 2016) to Revision E (May 2017)
Page
• Changed RVBUS values From: MIN = 891, TYP = 900, MAX = 909 KΩ To: MIN = 855, TYP = 887, MAX = 920
KΩ ......................................................................................................................................................................6
Changes from Revision C (September 2016) to Revision D (October 2016)
Page
• Changed text for Pin 7 in the Pin Functions table From: "default current mode detected (H); medium or high
current mode detected (L)." To: "Refer to Table 7-3 for more details."............................................................... 4
• Changed text for Pin 8 in the Pin Functions table From: "default or medium current mode detected (H); high
current mode detected (L)." To: "Refer to Table 7-3 for more details."............................................................... 4
Changes from Revision B (March 2016) to Revision C (September 2016)
Page
• Changed pins CC1 and CC2 values From: MIN = -0.3 MAX = VDD + 0.3 To: MIN -0.3 MAX = 6 in the Section
6.1 ......................................................................................................................................................................5
Changes from Revision A (June 2015) to Revision B (March 2016)
Page
• Added Note 1 and 2 to the Pin Functions table.................................................................................................. 4
• Changed the DESCRIPTION of pin EN_N pin in the Pin Functions table.......................................................... 4
• Changed the DESCRIPTION of pin VDD in the Pin Functions table................................................................... 4
• Changed the MIN, TYP, and MAX values for VTH_UFP_CC_USB, VTH_UFP_CC_MED, and VTH_UFP_CC_HIGH in the
Section 6.5 table................................................................................................................................................. 6
• Added Test Condition "See Figure 6-1" to VBUS_THR in the Section 6.5 ............................................................ 6
• Added Note 2 to the Section 6.5 table ............................................................................................................... 6
TUSB320, TUSB320I
SLLSEN9F – MAY 2015 – REVISED MARCH 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TUSB320 TUSB320I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com