Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB320 Datasheet(PDF) 10 Page - Texas Instruments

Part # TUSB320
Description  TUSB320 USB Type-C™ Configuration Channel Logic and Port Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB320 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB320 Datasheet HTML 6Page - Texas Instruments TUSB320 Datasheet HTML 7Page - Texas Instruments TUSB320 Datasheet HTML 8Page - Texas Instruments TUSB320 Datasheet HTML 9Page - Texas Instruments TUSB320 Datasheet HTML 10Page - Texas Instruments TUSB320 Datasheet HTML 11Page - Texas Instruments TUSB320 Datasheet HTML 12Page - Texas Instruments TUSB320 Datasheet HTML 13Page - Texas Instruments TUSB320 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
7.2.1.2 USB Type-C Cables
Below is a list of Type-C cable types supported by the TUSB320 device:
• USB full-featured Type-C cable
• USB 2.0 Type-C cable with USB 2.0 plug
• Captive cable with either a USB full-featured plug or USB 2.0 plug
7.2.1.3 Legacy Cables and Adapters
The TUSB320 device supports legacy cable adapters as defined by the Type-C specification. The cable adapter
must correspond to the mode configuration of the TUSB320 device.
VBUS
Rp (56k ± 5%)
CC
CC
TUSB320
Legacy Host Adapter
Rd (5.1k ± 10%)
900 kΩ ± 1%
VBUS_DET
To System VBUS detection
Copyright © 2016, Texas Instruments Incorporated
Figure 7-2. Legacy Adapter Implementation Circuit
7.2.1.4 Direct Connect Devices
The TUSB320 device supports the attaching and detaching of a direct-connect device.
7.2.1.5 Audio Adapters
Additionally, the TUSB320 device supports audio adapters for audio accessory mode, including:
• Passive audio adapter
• Charge through audio adapter
7.3 Feature Description
7.3.1 Port Role Configuration
The TUSB320 device can be configured as a downstream facing port (DFP), upstream facing port (UFP), or
dualrole port (DRP) using the tri-level PORT pin. The PORT pin should be pulled high to VDD using a pullup
resistance, low to GND or left as floated on the PCB to achieve the desired mode. This flexibility allows the
TUSB320 device to be used in a variety of applications. The TUSB320 device samples the PORT pin after reset
and maintains the desired mode until the TUSB320 device is reset again. Table 7-1 lists the supported features
in each mode.
TUSB320, TUSB320I
SLLSEN9F – MAY 2015 – REVISED MARCH 2022
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TUSB320 TUSB320I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com