Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB320 Datasheet(PDF) 4 Page - Texas Instruments

Part # TUSB320
Description  TUSB320 USB Type-C™ Configuration Channel Logic and Port Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB320 Datasheet(HTML) 4 Page - Texas Instruments

  TUSB320 Datasheet HTML 1Page - Texas Instruments TUSB320 Datasheet HTML 2Page - Texas Instruments TUSB320 Datasheet HTML 3Page - Texas Instruments TUSB320 Datasheet HTML 4Page - Texas Instruments TUSB320 Datasheet HTML 5Page - Texas Instruments TUSB320 Datasheet HTML 6Page - Texas Instruments TUSB320 Datasheet HTML 7Page - Texas Instruments TUSB320 Datasheet HTML 8Page - Texas Instruments TUSB320 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
5 Pin Configuration and Functions
GND
8
7
2
1
VBUS_DET
4
11
EN_N
PORT
VDD
3
12
ADDR
5
10
ID
6
9
INT_N/OUT3
Figure 5-1. RWB Package, 12-Pin X2QFN (Top View)
Table 5-1. Pin Functions
PIN
TYPE(3)
DESCRIPTION
NAME
NO.
CC1
1
I/O
Type-C configuration channel signal 1
CC2
2
I/O
Type-C configuration channel signal 2
PORT(1)
3
I
Tri-level input pin to indicate port mode. The state of this pin is sampled when EN_N is asserted low and VDD is
active. This pin is also sampled following a I2C_SOFT_RESET.
H - DFP (Pull-up to VDD if DFP mode is desired)
NC - DRP (Leave unconnected if DRP mode is desired)
L - UFP (Pull-down or tie to GND if UFP mode is desired)
VBUS_DET(1)
4
I
5- to 28-V VBUS input voltage. VBUS detection determines UFP attachment. One 900-kΩ external resistor
required between system VBUS and VBUS_DET pin.
ADDR(1)
5
I
Tri-level input pin to indicate I2C address or GPIO mode:
H - I2C is enabled and I2C 7-bit address is 0x61.
NC - GPIO mode (I2C is disabled)
L - I2C is enabled and I2C 7-bit address is 0x60.
ADDR pin should be pulled up to VDD if high configuration is desired
INT_N/OUT3(1)
6
O
The INT_N/OUT3 is a dual-function pin. When used as the INT_N, the pin is an open drain output in I2C control
mode and is an active low interrupt signal for indicating changes in I2C registers. When used as OUT3, the pin is
in audio accessory detect in GPIO mode: no detection (H), audio accessory connection detected (L).
SDA/OUT1(1) (2)
7
I/O
The SDA/OUT1 is a dual-function pin. When I2C is enabled (ADDR pin is high or low), this pin is the I2C
communication data signal. When in GPIO mode (ADDR pin is NC), this pin is an open drain output for
communicating Type-C current mode detect when the TUSB320 device is in UFP mode: Refer to Table 7-3 for
more details.
SCL/OUT2(1) (2)
8
I/O
The SCL/OUT2 is a dual function pin. When I2C is enabled (ADDR pin is high or low), this pin is the I2C
communication clock signal. When in GPIO mode (ADDR pin is NC), this pin is an open drain output for
communicating Type-C current mode detect when the TUSB320 device is in UFP mode: Refer to Table 7-3 for
more details.
ID(1)
9
O
Open drain output; asserted low when the CC pins detect device attachment when port is a source (DFP), or
dual-role (DRP) acting as source (DFP).
GND
10
G
Ground
EN_N
11
I
Enable signal; active low. Pulled up to VDD internally to disable the TUSB320 device. If controlled externally,
must be held high at least for 50 ms after VDD has reached its valid voltage level.
VDD
12
P
Positive supply voltage. VDD must ramp within 25 ms or less
(1)
When VDD is off, the TUSB320 non-failsafe pins (VBUS_DET, ADDR, PORT, ID, OUT[3:1] pins) could back-drive the TUSB320 device
if not handled properly. When necessary to pull these pins up, it is recommended to pullup PORT, ADDR, INT_N/OUT3, and ID to the
device VDD supply. The VBUS_DET must be pulled up to VBUS through a 900-kΩ resistor.
(2)
When using the 3.3 V supply for I2C, the end user must ensure that the VDD is 3 V and above. Otherwise the I2C may back power the
device.
(3)
I = input, O = output, P = power
TUSB320, TUSB320I
SLLSEN9F – MAY 2015 – REVISED MARCH 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TUSB320 TUSB320I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com