Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB320 Datasheet(PDF) 9 Page - Texas Instruments

Part # TUSB320
Description  TUSB320 USB Type-C™ Configuration Channel Logic and Port Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB320 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TUSB320 Datasheet HTML 5Page - Texas Instruments TUSB320 Datasheet HTML 6Page - Texas Instruments TUSB320 Datasheet HTML 7Page - Texas Instruments TUSB320 Datasheet HTML 8Page - Texas Instruments TUSB320 Datasheet HTML 9Page - Texas Instruments TUSB320 Datasheet HTML 10Page - Texas Instruments TUSB320 Datasheet HTML 11Page - Texas Instruments TUSB320 Datasheet HTML 12Page - Texas Instruments TUSB320 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
7 Detailed Description
7.1 Overview
The USB Type-C ecosystem operates around a small form factor connector and cable that is flippable and
reversible. Because of the nature of the connector, a scheme is needed to determine the connector orientation.
Additional schemes are needed to determine when a USB port is attached and the acting role of the USB port
(DFP, UFP, and DRP), as well as to communicate Type-C current capabilities. These schemes are implemented
over the CC pins according to the USB Type-C specifications. The TUSB320 device provides Configuration
Channel (CC) logic for determining USB port attach and detach, role detection, cable orientation, and Type-C
current mode. The TUSB320 device also contains several features such as mode configuration and low standby
current which make this device ideal for source or sinks in USB 2.0 applications.
7.2 Functional Block Diagram
900 K ±1%
CC1
CC2
SDA/OUT1
SCL/OUT2
ADDR
PORT
Connection and
cable detection
CSR
I2C
Digital Controller
3-State Buffer
EN_N
EN_N Logic
CTRL_EN
Open Drain
Output
VBUS Detection
SYS_VBUS
Copyright © 2016, Texas Instruments Incorporated
Figure 7-1. Functional Block Diagram of TUSB320
7.2.1 Cables, Adapters, and Direct Connect Devices
Type-C Specification 1.1 defines several cables, plugs and receptacles to be used to attach ports. The TUSB320
device supports all cables, receptacles, and plugs. The TUSB320 device does not support e-marking.
7.2.1.1 USB Type-C Receptacles and Plugs
Below is list of Type-C receptacles and plugs supported by the TUSB320 device:
• USB Type-C receptacle for USB 2.0 platforms and devices
• USB full-featured Type-C plug
• USB 2.0 Type-C plug
www.ti.com
TUSB320, TUSB320I
SLLSEN9F – MAY 2015 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TUSB320 TUSB320I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com