Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB320 Datasheet(PDF) 7 Page - Texas Instruments

Part # TUSB320
Description  TUSB320 USB Type-C™ Configuration Channel Logic and Port Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB320 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB320 Datasheet HTML 3Page - Texas Instruments TUSB320 Datasheet HTML 4Page - Texas Instruments TUSB320 Datasheet HTML 5Page - Texas Instruments TUSB320 Datasheet HTML 6Page - Texas Instruments TUSB320 Datasheet HTML 7Page - Texas Instruments TUSB320 Datasheet HTML 8Page - Texas Instruments TUSB320 Datasheet HTML 9Page - Texas Instruments TUSB320 Datasheet HTML 10Page - Texas Instruments TUSB320 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
6.5 Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
I2C - SDA/OUT1, SCL/OUT2 can operate from 1.8 or 3.3 V (±10%)(3)
VDD_I2C
Supply range for I2C (SDA/OUT1, SCL/OUT2)
1.65
1.8
3.6
V
VIH
High-level signal voltage
1.05
V
VIL
Low-level signal voltage
0.4
V
VOL
Low-level signal output voltage (open drain)
IOL = –1.6 mA
0.4
V
VBUS_DET IO Pins (Connected to System VBUS signal)
VBUS_THR
VBUS threshold range
See Figure 6-1
2.95
3.30
3.80
V
RVBUS
External resistor between VBUS and VBUS_DET pin
855
887
920
KΩ
RVBUS_PD
Internal pulldown resistance for VBUS_DET
95
KΩ
(1)
VDD must be 3.5 V or greater to advertise 3 A current.
(2)
Internal pullup and pulldown for PORT and ADDR are removed after the device has sampled EN = high or EN_N = low.
(3)
When using 3.3 V for I2C, customer must ensure VDD is above 3.0 V at all times.
6.6 Timing Requirements
MIN
NOM
MAX
UNIT
I2C (SDA, SCL)
tSU:DAT
Data setup time
100
ns
tHD;DAT
Data hold time
10
ns
tSU:STA
Set-up time, SCL to start condition
0.6
µs
tHD:STA
Hold time, (repeated) start condition to SCL
0.6
µs
tSU:STO
Set up time for stop condition
0.6
µs
tBUF
Bus free time between a stop and start condition
1.3
µs
tVD;DAT
Data valid time
0.9
ns
tVD;ACK
Data valid acknowledge time
0.9
ns
fSCL
SCL clock frequency; I2C mode for local I2C control
400
kHz
tr
Rise time of both SDA and SCL signals
300
ns
tf
Fall time of both SDA and SCL signals
300
ns
Cbus_100kHz
Total capacitive load for each bus line when operating at ≤ 100 kHz
400
pF
Cbus_400kHz
Total capacitive load for each bus line when operating at ≤ 400 kHz
100
pF
6.7 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tCCCB_DEFAULT
Power on default of CC1 and CC2 voltage debounce
time
DEBOUCE
register = 2'b00
133
ms
tVBUS_DB
Debounce of VBUS_DET pin after valid VBUS_THR
2
ms
tDRP_DUTY_CYCLE
Power-on default of percentage of time DRP
advertises DFP during a tDRP
DRP_DUTY_CYCLE
register = 2'b00
30%
tDRP
The period during which the TUSB320 or the
TUSB320I in DFP mode completes a DFP to UFP
and back advertisement.
50
75
100
ms
tI2C_EN
Time from TUSB320 EN_N low or TUSB320I EN high
and VDD active to I2C access available
100
ms
tSOFT_RESET
Soft reset duration
26
49
95
ms
www.ti.com
TUSB320, TUSB320I
SLLSEN9F – MAY 2015 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TUSB320 TUSB320I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com