Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB320 Datasheet(PDF) 19 Page - Texas Instruments

Part # TUSB320
Description  TUSB320 USB Type-C™ Configuration Channel Logic and Port Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB320 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TUSB320 Datasheet HTML 15Page - Texas Instruments TUSB320 Datasheet HTML 16Page - Texas Instruments TUSB320 Datasheet HTML 17Page - Texas Instruments TUSB320 Datasheet HTML 18Page - Texas Instruments TUSB320 Datasheet HTML 19Page - Texas Instruments TUSB320 Datasheet HTML 20Page - Texas Instruments TUSB320 Datasheet HTML 21Page - Texas Instruments TUSB320 Datasheet HTML 22Page - Texas Instruments TUSB320 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
Table 7-7. CSR Registers Bit Address and Description (continued)
ADDRESS
BIT(S)
BIT NAME
DESCRIPTION
ACCESS
0x0A
7:6
DEBOUNCE
The nominal amount of time the TUSB320 device
debounces the voltages on the CC pins.
00 – 133 ms (default)
01 – 116 ms
10 – 151 ms
11 – 168 ms
RW
5:4
MODE_SELECT
This register can be written to set the TUSB320 device
mode operation. The ADDR pin must be set to I2C
mode. If the default is maintained, the TUSB320 device
operates according to the PORT pin levels and modes.
The MODE_SELECT can only be changed when in the
unattached state.
00 – Maintain mode according to PORT pin selection
(default)
01 – UFP mode (unattached.SNK)
10 – DFP mode (unattached.SRC)
11 – DRP mode (start from unattached.SNK)
RW
3
I2C_SOFT_RESET
This resets the digital logic. The bit is self-clearing. A write
of 1 starts the reset. The following registers maybe affected
after setting this bit:
CURRENT_MODE_DETECT
ACTIVE_CABLE_DETECTION
ACCESSORY_CONNECTED
ATTACHED_STATE
CABLE_DIR
RSU
2:1
Reserved
R
0
Reserved
R
0x45
7:3
Reserved
R
2
DISABLE_RD_RP
When this field is set, Rd and Rp are disabled.
0 – Normal operation (default)
1 – Disable Rd and Rp
RW
1:0
Reserved. For TI internal use only. Do not change default
value.
RW
www.ti.com
TUSB320, TUSB320I
SLLSEN9F – MAY 2015 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TUSB320 TUSB320I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com