Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ2167GD Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MPQ2167GD
Description  6V, 4A, Frequency Programmable Buck Converter AEC-Q100 Qualified
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2167GD Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MPQ2167GD Datasheet HTML 13Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 14Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 15Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 16Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 17Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 18Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 19Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 20Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
MPQ2167 – 6V, 4A, FREQUENCY PROGRAMMABLE, BUCK CONVERTER, AEC-Q100 QUALIFIED
MPQ2167 Rev. 1.0
www.MonolithicPower.com
17
3/21/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
OPERATION
The MPQ2167 is a fully integrated, synchronous
rectified, step-down, non-isolated switch-mode
converter. It uses peak-current-mode control with
internal
compensation
for
faster
transient
response and cycle-by-cycle current limit.
A block diagram of the device is shown in Figure
1. It is available with a 2.7V to 6.0V input supply
range and can achieve up to 4A continuous
output current with excellent load and line
regulation over an ambient temperature range of
-40°C to +125°C. The output voltage can be
regulated as low as 0.606V.
The MPQ2167 is optimized for low voltage
portable applications where efficiency and small
size are critical. It can operate up to 2.2MHz
switching frequency, which enables the use of a
smaller inductor while also providing excellent
efficiency. It also allows for high power
conversion efficiency under a light load condition
with AAM.
FCCM
Pulling MODE high (>1.2V) forces the converter
into FCCM. In FCCM, the MPQ2167 operates in
a fixed frequency peak-current-control mode to
regulate the output voltage, regardless of the
output current. An internal clock initiates a FCCM
cycle. At the rise edge of the clock, the high-side
switch (HS-FET) turns on, and the inductor
current rises linearly to provide energy to the load.
The HS-FET remains on until its current hits the
COMP voltage, which is the output of the internal
error amplifier. The output voltage of the error
amplifier depends on the difference of the output
feedback voltage and the internal high precision
reference; it will determine how much energy
should be transferred to the load. The higher the
load current, the higher the COMP voltage.
When the HS-FET is off, the low-side switch (LS-
FET) will be turned on immediately and remains
on until the next clock starts. During this time, the
inductor current will flow through the LS-FET. In
order to avoid shoot-through, a dead time is
inserted to avoid the HS-FET and LS-FET turning
on at the same time. For each turn on/off period
in a switching cycle, the HS-FET will remain
on/off with a minimum on/off time limit.
AAM
Pulling MODE low (<0.4V) forces the converter
into light load advanced asynchronous mode
(AAM). There is an internally fixed AAM threshold
voltage (VAAM). Under a light load condition, the
value of VCOMP is low. If VCOMP becomes higher
than
VAAM,
the
MPQ2167
first
enters
discontinuous conduction operation with a fixed
frequency, as long as the inductor current
approaches zero. If the load decreases further, or
there is no load that makes VCOMP lower than
VAAM, the internal clock will be blocked, making
the MPQ2167 skip some pulses. During this time,
VFB is lower than VREF, so VCOMP will ramp up until
it exceeds VAAM. Then the internal clock will be
reset, and the crossover time is taken as a
benchmark for the next clock. This control
scheme helps achieve high efficiency by scaling
down the frequency to reduce the switching and
gate driver losses.
As the output current increases from a light load
condition, VCOMP becomes larger, and the
switching frequency increases.
If the output current exceeds the critical level,
when VCOMP is higher than VAAM, the MPQ2167
resumes fixed-frequency control (same as
FCCM). See Figure 2.
Figure 2: AAM and FCCM
Enable
The MPQ2167 can be enabled or disabled via a
remote EN signal that is referenced to ground. The
remote EN control operates with positive logic that
is compatible with popular logic devices. Positive
logic implies that when the input voltage exceeds
the under-voltage lockout (UVLO) threshold
(typically 2.5V), the converter is enabled by pulling
EN above 1.2V. Leaving the EN pin floating or
grounded will disable the MPQ2167. There is an
internal 1MΩ resistor from EN to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com