Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ2167GD Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MPQ2167GD
Description  6V, 4A, Frequency Programmable Buck Converter AEC-Q100 Qualified
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2167GD Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MPQ2167GD Datasheet HTML 16Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 17Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 18Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 19Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 20Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 21Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 22Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 23Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 24Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
MPQ2167 – 6V, 4A, FREQUENCY PROGRAMMABLE, BUCK CONVERTER, AEC-Q100 QUALIFIED
MPQ2167 Rev. 1.0
www.MonolithicPower.com
20
3/21/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider connected to FB
sets the output voltage (see Figure 3). The
feedback resistor R1 must account for both
stability and dynamic response, so it cannot be
too large or too small. R1 is estimated to be
100kΩ. R2 is then given using equation (2):
OUT
R1
R2
V
1
0.606
(2)
The T-type feedback network is highly
recommended (see Figure 3).
Figure 3: Feedback Network
R6+R4 is used to set the loop bandwidth.
Basically,
a
higher
R6+R4
brings
lower
bandwidth. To ensure loop stability, it is strongly
recommended to limit the bandwidth at around
0.1fSW.
Table 1 lists the recommended feedback divider
resistor values for common output voltages.
Check the loop analysis before using in
application. Change the resistance of RT for loop
stability if necessary.
Table 1: Resistor Values for Typical
VOUT
VOUT (V)
R6 (kΩ)
R4 (kΩ)
R5 (kΩ)
1.2
100
100(1%)
100(1%)
1.5
100
100(1%)
66.5(1%)
1.8
100
100(1%)
49.9(1%)
2.5
100
100(1%)
31.6(1%)
3.3
100
100(1%)
22.1(1%)
Selecting the Inductor
The inductor is required to supply constant
current to the output load while being driven by
the switching input voltage. For a default 2.2MHz
application, a 0.47µH to 1.5µH inductor is
recommended. For highest efficiency, chose an
inductor with a DC resistance less than 15mΩ.
When setting the frequency, the inductance may
need to be increased with the frequency
decreasing. A large inductance will result in less
ripple current and a lower output ripple voltage.
However, this also results in a larger inductor,
which will be physically larger and have a higher
series resistance and/or lower saturation current.
A good rule for determining the inductor value is
to allow the inductor ripple current to be
approximately 30% of the maximum load current.
Ensure that the peak inductor current is below
the device peak current limit. The inductance
value can be calculated with equation (3):
 

OUT
OUT
SW
L
IN
VV
L(1
)
fI
V
(3)
Where ∆IL is the peak-to-peak inductor ripple
current.
Choose an inductor that will not saturate under
the maximum inductor peak current. The peak
inductor current can be calculated with equation
(4):

 
OUT
OUT
LP
OUT
SW
IN
VV
II
(1
)
2f
L
V
(4)
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous, and therefore requires a capacitor
to supply the AC current to the step-down
converter while maintaining the DC input voltage.
Use low ESR capacitors for the best performance.
Ceramic capacitors with X5R or X7R dielectrics
are highly recommended because of their low
ESR values and small temperature coefficients.
Other types, including Y5V and Z5U must not be
used as these lose too much capacitance with
frequency, temperature, and bias voltage. Be
sure to place the input capacitors as close to IN
as possible. For most applications, a 22µF
capacitor is sufficient. For higher output voltage,
use 47μF to improve system stability. To get a
small solution size, it is better to choose a proper
package size capacitor with a rating voltage
compliant to the input spec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com