Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ2167GD Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MPQ2167GD
Description  6V, 4A, Frequency Programmable Buck Converter AEC-Q100 Qualified
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2167GD Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MPQ2167GD Datasheet HTML 14Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 15Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 16Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 17Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 18Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 19Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 20Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 21Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
MPQ2167 – 6V, 4A, FREQUENCY PROGRAMMABLE, BUCK CONVERTER, AEC-Q100 QUALIFIED
MPQ2167 Rev. 1.0
www.MonolithicPower.com
18
3/21/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
Oscillator
The oscillating frequency of the MPQ2167 can be
programmed by an external frequency resistor.
The frequency resistor should be located
between FREQ and GND as close to the device as
possible.
Select the RFREQ value following the FSW vs. RFREQ
curve in the Typical Performance Characteristics
(TPC) section.
The MPQ2167 has a SYNCO pin, which can
output a 180° phase shift clock. This signal can
be used to synchronize other devices to keep the
same operation frequency but opposite phase,
which can reduce the total input current ripple.
Soft-Start and Output Discharge
The MPQ2167 has soft start (SS), which ramps up
the output voltage in a controlled slew rate when
EN goes high, avoiding overshoot at start-up.
When the soft-start period starts, an internal current
source charges the external soft-start capacitor.
When the SS voltage (VSS) falls below the internal
reference (VREF), the VSS overrides VREF as the
error amplifier reference. When VSS exceeds VREF,
VREF acts as the reference. After soft start finishes,
the MPQ2167 enters steady state. It can be used
for tracking and sequencing.
The SS time set by the external SS capacitor can
be calculated with equation (1):
SS
REF
SS
SS
C(nF) V
(V)
t(ms)
I( A)
(1)
Where CSS is the external SS capacitor, VREF is
the internal reference voltage (0.606V), and ISS is
the internal 4μA SS charge current.
When SS is floating, the SS time is 1ms following
the internal setting.
When disabled or in an input shutdown, the
MPQ2167 discharges the output voltage to GND
through an internal 100Ω resistor that is in parallel
to the LS-FET.
Pre-Bias Start-Up
At start-up, if VFB>VSS (which means the output
has pre-bias voltage), neither the high-side nor
low-side MOSFET is turned on until VSS is higher
than VFB.
100% Duty Cycle
The MPQ2167 can operate with 100% duty cycle,
which can help extend the battery life. When the
input voltage is too low to maintain the regulation
of the output, the device will completely turn on
the HS-FET to achieve maximum output voltage.
Power Good Indicator
The MPQ2167 has power good (PG) indication.
PG is the open drain of the MOSFET. In the
presence of an input voltage, the MOSFET turns
on so that PG is pulled to GND before a soft start
is ready. When the output voltage is within a ±
15% window of the rated voltage set by FB, PG
will be pulled up to VIN by an internal resistor after
a delay. If VFB moves outside the ±15% range
with a hysteresis, the device pulls PG low to
indicate a failure output status.
Over-Current Protection (OCP)
The MPQ2167 has a 6.7A cycle-by-cycle peak
current limit control. The inductor current is
monitored during a HS-FET on state. Once the
inductor current hits the current limit, the HS-FET
will be turned off immediately. Then the LS-FET
will be turned on to discharge the energy, and the
inductor current will decrease. The HS-FET will
not be on again until the inductor is lower than a
certain current threshold, which is called valley
current limit. It is very useful to prevent the
inductor current from running away and possibly
damaging the components.
When the valley current limit is triggered, the
OCP timer will start immediately. The OCP timer
is set at 100μs. Hitting the valley current limit
during each cycle during this 100μs time frame
will trigger SCP.
Short-Circuit Protection (SCP)
When a short circuit occurs, the MPQ2167 will
immediately hit its current limit. Meanwhile, the
output voltage drops until VFB is below 50%×VREF
(0.606V). Then the device will consider this an
output
dead
short
and
will
trigger
SCP
immediately. In SCP, the inductor current is
monitored during the HS-FET on state. Once the
inductor current hits the current limit, the HS-FET
will be turned off immediately. Then the LS-FET
will be turned on to discharge the energy and the
inductor current will decrease. The HS-FET will



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com