Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ2167GD Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MPQ2167GD
Description  6V, 4A, Frequency Programmable Buck Converter AEC-Q100 Qualified
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2167GD Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MPQ2167GD Datasheet HTML 7Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 8Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 9Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 10Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 11Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 12Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 13Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 14Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
MPQ2167 – 6V, 4A, FREQUENCY PROGRAMMABLE, BUCK CONVERTER, AEC-Q100 QUALIFIED
MPQ2167 Rev. 1.0
www.MonolithicPower.com
11
3/21/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 5V, VOUT = 1.8V, L = 1µH, COUT= 44µF, FSW=2.2MHz, TA = +25°C, unless otherwise noted.
Steady State
IOUT=0A, AAM
Steady State
IOUT=0A, CCM
CH2:
VOUT/AC
10mV/div.
CH4: IL
500mA/div.
CH1: VSW
2V/div.
CH2:
VOUT/AC
5mV/div.
CH4: IL
500mA/div.
CH1: VSW
2V/div.
10ms/div.
200ns/div.
Steady State
IOUT=4A
Start-Up through VIN
IOUT=0A, AAM
CH2:
VOUT/AC
5mV/div.
CH4: IL
1A/div.
CH1: VSW
2V/div.
CH3: VIN
2V/div.
CH2: VOUT
500mV/div.
CH4: IL
500mA/div.
CH1: VSW
5V/div.
200ns/div.
1ms/div.
Start-Up through VIN
IOUT=0A, CCM
Start-Up through VIN
IOUT=4A
CH3: VIN
2V/div.
CH2: VOUT
1V/div.
CH4: IL
1A/div.
CH1: VSW
5V/div.
CH3: VIN
2V/div.
CH2: VOUT
1V/div.
CH4: IL
2A/div.
CH1: VSW
5V/div.
400μs/div.
400μs/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com