Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ2167GD Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MPQ2167GD
Description  6V, 4A, Frequency Programmable Buck Converter AEC-Q100 Qualified
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2167GD Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MPQ2167GD Datasheet HTML 15Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 16Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 17Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 18Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 19Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 20Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 21Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 22Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 23Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
MPQ2167 – 6V, 4A, FREQUENCY PROGRAMMABLE, BUCK CONVERTER, AEC-Q100 QUALIFIED
MPQ2167 Rev. 1.0
www.MonolithicPower.com
19
3/21/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
not be on again until the inductor is lower than a
certain current threshold, which is called valley
current limit. The device will repeat this operation
until the short circuit disappears, and the output
returns to the regulation level. This protection
mode is very useful to prevent the inductor
current
from
running
away
and
possibly
damaging the components.
Over-Voltage Protection (OVP)
The MPQ2167 monitors the output voltage
through FB to detect output over-voltage
conditions. A VFB that exceeds 115% × VREF
(0.606V) triggers OVP, and the LS-FET turns on
to discharge VOUT until the inductor current drops
to zero while the HS-FET remains off. Then the
LS-FET will be shut off, and the output will be
discharged through the internal 100Ω resistor in
parallel to the LS-FET. The control will not begin
to switch until the output is within regulation.
Under Voltage Lock Out Protection (UVLO)
The MPQ2167 has input under voltage lock out
protection (UVLO) to ensure reliable output
power. Assuming EN is active, the MPQ2167 is
powered on when the input voltage is higher than
the UVLO rising threshold. It is powered off when
the input voltage drops below the UVLO falling
threshold. This function prevents the device from
operating at an insufficient voltage. It is a non-
latch protection.
Thermal Shutdown
The MPQ2167 has thermal protection by
monitoring the IC temperature internally. This
function prevents the chip from operating at an
exceedingly high temperature. If the junction
temperature
exceeds
the
threshold
value
(typically 170°C), it shuts down the whole chip.
This is a non-latch protection. There is a 25°C
hysteresis. Once the junction temperature drops
to about 145°C, the device resumes operation by
initiating a soft start.
Start-Up and Shutdown
If both VIN and VEN exceed their appropriate
thresholds, the chip starts up. The reference
block starts first, generating stable reference
voltage and currents, and then the internal
regulator is enabled. The regulator provides a
stable supply for the remaining circuitries.
While the internal supply rail is up, an internal
timer holds the power MOSFET OFF for about
50µs to blank the start-up glitches. When the
soft-start block is enabled, it first holds its SS
output low to ensure the rest of the circuitries are
ready, and then it slowly ramps up.
Three events can shut down the chip: EN low, VIN
UVLO, and thermal shutdown. In the shutdown
procedure, the signaling path is blocked first to
avoid any fault triggering. The COMP voltage and
the internal supply rail are then pulled down. The
floating driver is not subject to this shutdown
command, but its charging path is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com