Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ2167GD Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPQ2167GD
Description  6V, 4A, Frequency Programmable Buck Converter AEC-Q100 Qualified
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2167GD Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPQ2167GD Datasheet HTML 1Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 2Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 3Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 4Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 5Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 6Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 7Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 8Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
MPQ2167
6V, 4A, Frequency Programmable
Buck Converter
AEC-Q100 Qualified
MPQ2167 Rev. 1.0
www.MonolithicPower.com
1
3/21/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
DESCRIPTION
The MPQ2167 is a frequency programmable
(300kHz to 2.2MHz) synchronous step-down
converter. It can achieve up to 4A continuous
output current with peak current control for
excellent transient response and efficiency
performance. The MPQ2167 operates from a
2.7V to 6.0V input range and generates an
output voltage as low as 0.606V. It is ideal for a
wide range of applications, including automotive
infotainment, clusters, telematics, and portable
instruments.
The MPQ2167 integrates a 35mΩ high-side
switch and a 25mΩ synchronous rectifier for
high efficiency without an external Schottky
diode.
With
internal
compensation,
the
MPQ2167 requires a minimum number of readily
available standard external components and is
available in a QFN-11(2mm x 3mm) package.
The MPQ2167 can be configured for either
advanced asynchronous mode (AAM) or forced
continuous conduction mode (FCCM) operation
at light load. AAM provides high efficiency by
reducing switching losses at light load while
FCCM has controllable frequency and a lower
output ripple.
The MPQ2167 offers standard features, including
soft-start, enable control, and a power good
indicator. In addition, the MPQ2167 provides
over-current
protection
with
valley
current
detection, which is used to avoid current runaway.
Also, it has short-circuit protection, reliable over-
voltage protection, and auto recovery thermal
protection.
FEATURES
 2.7V to 6.0V Operating Input Range
 Adjustable Output from 0.606V
 Up to 4A Continuous Output current
 High Efficiency Synchronous Mode Control
 35mΩ and 25mΩ Internal Power MOSFET
 Programmable Frequency up to 2.2MHz
 42μA Quiescent Current
 Low Shutdown Mode Current
 100% Duty Cycle Operation
 Internal Compensation Mode
 Selectable AAM or FCCM Operation Option
 External Soft Start
 Remote EN Control
 Power Good Indicator
 Cycle-by-Cycle Over-Current Protection
 Short-Circuit Protection
 VIN Under-Voltage Lockout
 VOUT Over-Voltage Protection
 Thermal Shutdown
 Available in QFN-11(2mm x 3mm) Package
 Available in AEC-Q100 Grade-1
APPLICATIONS
Automotive Infotainment
Automotive Clusters
Automotive Telematics
Industrial Supplies
Battery-Powered Devices
All MPS parts are lead-free, halogen free, and adhere to the RoHS
directive. For MPS green status, please visit MPS website under Quality
Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered
Trademarks of Monolithic Power Systems, Inc.


Similar Part No. - MPQ2167GD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ2166 MPS-MPQ2166 Datasheet
938Kb / 22P
6V, Dual 2A/2A or 3A/1A, Low Quiescent Current, Synchronous Buck with PG and SS AEC-Q100 Qualified
MPQ2166B MPS-MPQ2166B Datasheet
2Mb / 27P
6V, Dual 2A/2A or 3A/1A, Low-IQ, Synchronous Buck with PG and SS, AEC-Q100 Qualified
1/18/2022 Rev. 1.0
MPQ2166BGRHE-AEC1 MPS-MPQ2166BGRHE-AEC1 Datasheet
2Mb / 27P
6V, Dual 2A/2A or 3A/1A, Low-IQ, Synchronous Buck with PG and SS, AEC-Q100 Qualified
1/18/2022 Rev. 1.0
MPQ2166BGRHE-AEC1-P MPS-MPQ2166BGRHE-AEC1-P Datasheet
2Mb / 27P
6V, Dual 2A/2A or 3A/1A, Low-IQ, Synchronous Buck with PG and SS, AEC-Q100 Qualified
1/18/2022 Rev. 1.0
MPQ2166BGRHE-AEC1-Z MPS-MPQ2166BGRHE-AEC1-Z Datasheet
2Mb / 27P
6V, Dual 2A/2A or 3A/1A, Low-IQ, Synchronous Buck with PG and SS, AEC-Q100 Qualified
1/18/2022 Rev. 1.0
More results

Similar Description - MPQ2167GD

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
AEC-Q100 Qualified
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
AEC-Q100 Qualified
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
AEC-Q100 Qualified
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
AEC-Q100 Qualified
logo
Monolithic Power System...
MPQ3425-AEC1 MPS-MPQ3425-AEC1 Datasheet
808Kb / 13P
3A, 55V Boost Converter with Programmable Switching Frequency, AEC-Q100 Qualified
MPQ3425 MPS-MPQ3425 Datasheet
1Mb / 28P
3A, 55V Boost Converter with Programmable Switching Frequency, AEC-Q100 Qualified
Rev. 1.1 7/6/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com