Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ2167GD Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MPQ2167GD
Description  6V, 4A, Frequency Programmable Buck Converter AEC-Q100 Qualified
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2167GD Datasheet(HTML) 4 Page - Monolithic Power Systems

  MPQ2167GD Datasheet HTML 1Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 2Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 3Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 4Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 5Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 6Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 7Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 8Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
MPQ2167 – 6V, 4A, FREQUENCY PROGRAMMABLE, BUCK CONVERTER, AEC-Q100 QUALIFIED
MPQ2167 Rev. 1.0
www.MonolithicPower.com
4
3/21/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
PIN FUNCTIONS
PIN #
Name
Description
1
IN
Input supply. IN supplies all power to the converter. Place a decoupling capacitor
to ground as close as possible to the IC to reduce switching spikes.
2
PGND
Power ground. Connect to larger copper areas to the negative terminals of the
input and output capacitors.
3
FREQ
Switching frequency programmable input.
Connect a resistor to GND to set the switching frequency.
4
AGND
Analog ground. Ground for internal logic and signal circuit.
5
FB
Feedback point. Negative input of the error amplifier. Connect to the tap of an
external resistor divider between the output and GND to set the regulation voltage.
In addition, power good and under-voltage lockout circuits use FB to monitor the
output voltage.
6
SS
Soft-start. Place a capacitor from SS to GND to set the soft-start time externally.
Floating this pin will activate the internal default 1ms soft-start setting.
7
SW
Switch output. Internally connect to the high-side and low-side power switches.
Outside connect to the output inductor.
8
PG
Power good indicator. The PG output is an open drain that connects to VIN by an
internal pull-up resistor. PG is pulled up to VIN when the FB voltage is within 15% of
the regulation level. If the FB voltage is out of that regulation range, it will drop
down.
9
SYNCO
Synchronization output. Output a 180° out of phase clock to the other devices.
10
MODE
Mode selection. Connect to logic high or input voltage VIN for FCCM. Connect to
logic low or ground for AAM. Do not leave MODE floating.
11
EN
Enable input. Drive EN high to turn on the device. Leaving EN floating or grounded
will disable the device.
ABSOLUTE MAXIMUM RATINGS (1)
VIN ..............................................................+6.5V
VSW -0.3V(-3V for<10ns) to 6.5V(7.0V for<10ns)
All Other Pins ............................... -0.3V to +6.5V
Continuous Power Dissipation (TA = +25°C) (2)
...................................................................1.78W
Junction Temperature............................... 150°C
Lead Temperature .................................... 260°C
Storage Temperature................-65°C to +150°C
Recommended Operating Conditions
Continuous Supply Voltage VIN ...... 2.7V to 6.0V
Output Voltage VOUT....................... 0.606V to VIN
Load Current Range ............................. 0A to 4A
Operating Junction Temp.(TJ)-40°C to +125°C (3)
Thermal Resistance
θJA
θJC
QFN-11(2mmx3mm) ...........70..........15 °C/W(4)
QFN-11(2mmx3mm) ......... 42........13.5 °C/W(5)
Notes:
1) Absolute maximum ratings are rated under room temperature
unless otherwise noted. Exceeding these ratings may
damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
module will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) Operating junction temperature above 125°C may be
supported; contact MPS for details.
4) Measured on JESD51-7, 4-layer PCB.
5) Measured on standard EVB, 6.35cmx6.35cm, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com