Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ2167GD Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MPQ2167GD
Description  6V, 4A, Frequency Programmable Buck Converter AEC-Q100 Qualified
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2167GD Datasheet(HTML) 5 Page - Monolithic Power Systems

  MPQ2167GD Datasheet HTML 1Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 2Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 3Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 4Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 5Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 6Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 7Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 8Page - Monolithic Power Systems MPQ2167GD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
MPQ2167 – 6V, 4A, FREQUENCY PROGRAMMABLE, BUCK CONVERTER, AEC-Q100 QUALIFIED
MPQ2167 Rev. 1.0
www.MonolithicPower.com
5
3/21/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = VEN =3.6V, TJ =-40°C to +125°C, unless otherwise noted, typical values are at TJ = +25°C.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Input Supply and UVLO
Supply current (quiescent)
IQ
Mode=AAM, VEN=2V, No
load, RFREQ=1MΩ
TJ = +25°C
42
50
μA
TJ = -40°C to +125°C
120
Shutdown current
ISD
Mode=AAM, VEN=0V,
TJ = +25°C
0
1
μA
TJ = -40°C to +125°C
20
VIN under-voltage lockout
threshold rising
INUVVth-R
2.3
2.5
2.7
V
VIN under-voltage lockout
threshold falling
INUVVth-F
2
2.15
2.3
V
VIN UVLO threshold hysteresis
INUVHYS
350
mV
Output and Regulation
Regulated FB voltage
VFB
TJ = +25°C
0.596
0.606
0.616
V
TJ = -40°C to +125°C
0.591
0.621
V
FB input current
IFB
VFB = 0.63V
10
100
nA
Output discharge resistor
RDISCHARGE
50
100
150
Ω
Switches and Frequency
High-side switch on-resistance
RDSON-P
VIN = 5V, IOUT =200mA
35
70
mΩ
Low-side switch on-resistance
RDSON-N
VIN = 5V, IOUT =200mA
25
70
mΩ
High-side SW leakage current
IHSW-LKG
VEN = 0V; VIN = 6V
VSW = 6V, TJ = +25°C
0
1
μA
TJ = -40°C to +125°C
30
Low-side SW leakage current
ILSW-LKG
VEN = 0V; VIN = 6V
VSW = 0V, TJ = +25°C
0
1
μA
TJ = -40°C to +125°C
10
Switching frequency
FSW
RFREQ = 526kΩ
380
450
520
kHz
RFREQ = 85kΩ
1800
2100
2400
Maximum Duty Cycle
DMAX
100
%
Minimum On Time(6)
TON-MIN
50
ns
Minimum Off Time(6)
TOFF-MIN
95
ns
PG
PG sink current capacity
VPG-SINK
Sink 1mA
300
mV
PG logic high voltage
VPG-HIGH
VIN =5V
4.5
V
PG delay time
TPG-DELAY
VOUT Rising Edge
40
100
180
μs
VOUT Falling Edge
5
20
30
μs
PG upper rising threshold
PGUP_R
As Percentage of VFB
108
115
122
%
PG upper hysteresis
PGUP_HYS As Percentage of VFB
5
%
PG lower rising threshold
PGLOW_R
As Percentage of VFB
80
85
90
%
PG lower hysteresis
PGLOW_HYS As Percentage of VFB
5
%
EN
EN input rising threshold
VEN-RISING
1.2
V
EN input falling threshold
VEN-FALLING
0.4
V
EN input current
IEN
VEN=2V
2
5
μA
VEN=0V
0
0.5
μA
Mode and Soft Start
Mode pin rising threshold
VMODE-FCCM Into FCCM
1.2
V
Mode pin falling threshold
VMODE-AAM Into AAM
0.4
V
Mode input leakage current
IMODE
Pulled up to 6V
1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com