Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH71221 Datasheet(PDF) 4 Page - Melexis Microelectronic Systems

Part # TH71221
Description  27 to 930MHz FSK/FM/ASK Transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH71221 Datasheet(HTML) 4 Page - Melexis Microelectronic Systems

  TH71221 Datasheet HTML 1Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 2Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 3Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 4Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 5Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 6Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 7Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 8Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
TH71221
27 to 930MHz
FSK/FM/ASK Transceiver
39010 071221
Page 4 of 44
Data Sheet
Rev. 005
June/07
1
Theory of Operation
1.1
General
The main building block of the transceiver is a programmable PLL frequency synthesizer that is based on an
integer-N topology. The PLL is used for generating the carrier frequency during transmission and for
generating the LO signal during reception. The carrier frequency can be FSK-modulated either by pulling the
crystal or by modulating the VCO directly. ASK modulation is done by on/off keying of the power amplifier.
The receiver is based on the principle of a single conversion superhet. Therefore the VCO frequency has to
be changed between transmit and receive mode. In receive mode, the default LO injection type is low-side
injection.
The TH71221 transceiver IC consists of the following building blocks:
"
Low-noise amplifier (LNA) for high-sensitivity
RF signal reception with switchable gain
"
Mixer (MIX) for RF-to-IF down-conversion
"
IF amplifier (IFA) to amplify and limit the IF
signal and for RSSI generation
"
Phase-coincidence FSK demodulator with
external ceramic discriminator or LC tank
"
Operational amplifier (OA1), connected to
demodulator output
"
Operational amplifier (OA2), for general use
"
Peak detector (PKDET) for ASK detection
"
Control logic with 3wire bus serial control
interface (SCI)
"
Reference oscillator (RO) with external crystal
"
Reference divider (R counter)
"
Programmable divider (N/A counter)
"
Phase-frequency detector (PFD)
"
Charge pump (CP)
"
Voltage controlled oscillator (VCO) with internal
varactor
"
Power amplifier (PA) with adjustable output
power
1.2
Technical Data Overview
!
Frequency range: 300 MHz to 930 MHz in
programmable user mode
!
Extended frequency range with external VCO
varactor diode: 27 MHz to 930 MHz
!
315 MHz, 433 MHz, 868 MHz or 915 MHz fixed-
frequency settings in stand-alone mode
!
Power supply range: 2.2 V to 5.5 V
!
Temperature range: -40 °C to +85 °C
!
Standby current: 50 nA
!
Operating current in receive: 6.5 mA (low gain)
!
Operating current in transmit: 12 mA (at -2 dBm)
!
Adjustable RF power range: -20 dBm to +10dBm
!
Sensitivity: -105 dBm at FSK with 180 kHz
IF filter BW
!
Sensitivity: -107 dBm at ASK with 180 kHz
IF filter BW
!
Max. data rate with crystal pulling: 20 kbps NRZ
!
Max. data rate with direct VCO modulation:
115 kbps NRZ
!
Max. input level: -10 dBm at FSK
and -20 dBm at ASK
!
Input frequency acceptance:
± 10 to ± 150 kHz
(depending on FSK deviation)
!
FM/FSK deviation range:
±2.5 to ±80 kHz
!
Analog modulation frequency: max. 10 kHz
!
Crystal reference frequency: 3 MHz to 12 MHz
!
External reference frequency: 1 MHz to 16 MHz
1.3
Note on ASK Operation
Optimum ASK performance can be achieved by using an 8-MHz crystal for operation at 315 MHz, 434 MHz
and 915 MHz. For details please refer to the software settings shown in sections 7.4 and 7.6. FSK operation
is the preferred choice for applications in the European 868MHz band.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com