Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH71221 Datasheet(PDF) 33 Page - Melexis Microelectronic Systems

Part # TH71221
Description  27 to 930MHz FSK/FM/ASK Transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH71221 Datasheet(HTML) 33 Page - Melexis Microelectronic Systems

Back Button TH71221 Datasheet HTML 29Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 30Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 31Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 32Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 33Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 34Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 35Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 36Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 37Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
TH71221
27 to 930MHz
FSK/FM/ASK Transceiver
39010 071221
Page 33 of 44
Data Sheet
Rev. 005
June/07
7.3
FSK Test Circuit Component List (Fig. 14 and Fig. 15)
Part
Size
Value @
315 MHz
Value @
433.92 MHz
Value @
868.3 MHz
Value @
915 MHz
Tol.
Description
C0
0603
NIP
NIP
NIP
NIP
±5%
VCO tank capacitor
C1
0603
3.9 pF
4.7 pF
2.7 pF
1.5 pF
±5% LNA output tank capacitor
C2
0603
1.5 pF
1.0 pF
1.5 pF
1.5 pF
±5%
MIX input matching capacitor
C3
0603
10 nF
10 nF
10 nF
10 nF
±10% data slicer capacitor
C4
0603
330 pF
330 pF
330 pF
330 pF
±5%
demodulator output low-pass
capacitor, depending on data rate
C5
0805
1.5 nF
1.5 nF
1.5 nF
1.5 nF
±10% RSSI output low pass capacitor
CB0
1210
10 μF
10 μF
10 μF
10 μF
±20% de-coupling capacitor
CB1
0603
10 nF
10 nF
10 nF
10 nF
±10% de-coupling capacitor
CB2
0603
330 pF
330 pF
330 pF
330 pF
±10% de-coupling capacitor
CB4
0603
10 nF
10 nF
10 nF
10 nF
±10% de-coupling capacitor
CB5
0603
100 nF
100 nF
100 nF
100 nF
±10% de-coupling capacitor
CB6
0603
100 pF
100 pF
100 pF
100 pF
±10% de-coupling capacitor
CB7
0603
100 nF
100 nF
100 nF
100 nF
±10% de-coupling capacitor
CF1
0603
1 nF
1 nF
1 nF
1 nF
±10% loop filter capacitor
CF2
0603
100 pF
68 pF
150 pF
82 pF
±5%
loop filter capacitor
CX1
0805
10 pF
12 pF
15 pF
12 pF
±5%
RO capacitor for FSK (
Δf = ±20 kHz)
CX2
0805
150 pF
56 pF
18 pF
15 pF
±5%
RO capacitor for FSK (
Δf = ±20 kHz)
CRX0
0603
100 pF
100 pF
100 pF
100 pF
±5%
RX coupling capacitor
CTX0
0603
6.8 pF
6.8 pF
6.8 pF
6.8 pF
±5%
TX coupling capacitor
CTX4
0603
12 pF
5.6 pF
3.3 pF
3.3 pF
±5%
TX impedance matching capacitor
RB1
0603
100
Ω
100
Ω
100
Ω
100
Ω
±5%
protection resistor
RF
0603
33 k
Ω
33 k
Ω
33 k
Ω
33 k
Ω
±5%
loop filter resistor
RPS
0603
18 k
Ω
33 k
Ω
39 k
Ω
39 k
Ω
±5%
power-select resistor
L0
0603
68 nH
33 nH
5.6 nH
4.7 nH
±5%
VCO tank inductor
from Würth-Elektronik (WE-KI series)
or equivalent part
L1
0603
33 nH
15 nH
4.7 nH
4.7 nH
±5%
LNA output tank inductor
from Würth-Elektronik (WE-KI series)
or equivalent part
LTX0
0603
15 nH
15 nH
4.7 nH
3.9 nH
±5%
impedance matching inductor
from Würth-Elektronik (WE-KI series)
or equivalent part
XTAL
HC49
SMD
7x5
7.1505 MHz
±20ppm cal., ±20ppm temp.
fundamental-mode crystal,
Cload = 10 pF to 15pF, C0, max = 7 pF,
Rm, max = 70 Ω
CERFIL
SMD
3.45x3.1
SFECF10M7HA00
B3dB = 180 kHz
ceramic filter from Murata,
or equivalent part
CERDIS
SMD
4.5x2
CDSCB10M7GA136
ceramic Discriminator from Murata,
or equivalent part
Note:
- NIP – not in place, may be used optionally
- Antenna matching network according to paragraph 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com