Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH71221 Datasheet(PDF) 29 Page - Melexis Microelectronic Systems

Part # TH71221
Description  27 to 930MHz FSK/FM/ASK Transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH71221 Datasheet(HTML) 29 Page - Melexis Microelectronic Systems

Back Button TH71221 Datasheet HTML 25Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 26Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 27Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 28Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 29Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 30Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 31Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 32Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 33Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
TH71221
27 to 930MHz
FSK/FM/ASK Transceiver
39010 071221
Page 29 of 44
Data Sheet
Rev. 005
June/07
6.4
PLL Synthesizer Timings
Parameter
Symbol
Condition
Min
Typ
Max
Unit
wide band
tSW_WB
BPLL = 20kHz,
ICP = 260µA
200
µs
Channel
switching time
narrow band
tSW_NB
BPLL = 2kHz,
ICP = 260µA
500
µs
TX – RX switching time
tTX_RX
IF = 10.7MHz
1
ms
6.5
AC Characteristics of the Receiver Part
all parameters under normal operating conditions, unless otherwise stated; all parameters based on test
circuits for FSK (Fig. 14 to 15) and ASK (Fig. 16 to 17), respectively;
Parameter
Symbol
Condition
Min
Typ
Max
Unit
fRF= 433.92MHz
-96
fRF= 868.3MHz
PminL_ASK
BIF = 150kHz, fm = 2kHz
BER
≤ 3⋅10-3
LNA @ low gain
-96
dBm
fRF= 433.92MHz
-107
Input sensitivity
ASK
fRF= 868.3MHz
PminH_ASK
BIF = 150kHz, fm = 2kHz
BER
≤ 3⋅10-3
LNA @ high gain
-107
dBm
fRF= 433.92MHz
-87
fRF= 868.3MHz
PminL_FSK
BIF = 150kHz, fm = 2kHz
Δf = ± 50 kHz
BER
≤ 3⋅10-3
LNA @ low gain
-87
dBm
fRF= 433.92MHz
-105
Input sensitivity
FSK
fRF= 868.3MHz
PminH_FSK
BIF = 150kHz, fm = 2kHz
Δf = ± 50 kHz
BER
≤ 3⋅10-3
LNA @ high gain
-105
dBm
fRF= 433.92MHz
-10
fRF= 868.3MHz
PmaxL_ASK LNA @ low gain
-10
dBm
fRF= 433.92MHz
-20
Maximum input
signal
ASK
fRF= 868.3MHz
PmaxH_ASK LNA @ high gain
-20
dBm
fRF= 433.92MHz
-10
fRF= 868.3MHz
PmaxL_FSK LNA @ low gain
-10
dBm
fRF= 433.92MHz
-20
Maximum input
signal
FSK
fRF= 868.3MHz
PmaxH_FSK LNA @ high gain
-20
dBm
Start-up time - ASK
ton_ASK
from standby to receive
mode
1
1.5
ms
Start-up time - FSK
ton_FSK
from standby to receive
mode
1
1.5
ms
Spurious emission
Pspur_RX
referred to receiver
input
-54
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com