Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH71221 Datasheet(PDF) 19 Page - Melexis Microelectronic Systems

Part # TH71221
Description  27 to 930MHz FSK/FM/ASK Transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH71221 Datasheet(HTML) 19 Page - Melexis Microelectronic Systems

Back Button TH71221 Datasheet HTML 15Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 16Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 17Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 18Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 19Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 20Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 21Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 22Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 23Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
TH71221
27 to 930MHz
FSK/FM/ASK Transceiver
39010 071221
Page 19 of 44
Data Sheet
Rev. 005
June/07
4.1.3
Modulation Type
Modulation type
ASK
FSK
ASK / FSK
0
1
4.1.4
LNA Gain Mode
LNA gain
high
low
GAIN_LNA
0
1
4.2
Programmable User Mode Operation
The transceiver can also be used in programmable user mode. After power-up the first logic change at pin
FS0/SDEN enters into this mode. Now full programmability can be achieved via the Serial Control Interface
(SCI).
4.2.1
Serial Control Interface Description
A 3-wire (SCLK, SDTA, SDEN) Serial Control Interface (SCI) is used to program the transceiver in program-
mable user mode. At each rising edge of the SCLK signal, the logic value on the SDTA pin is written into a
24-bit shift register. The data stored in the shift register are loaded into one of the 4 appropriate latches on
the rising edge of SDEN. The control words are 24 bits lengths: 2 address bits and 22 data bits. The first two
bits (bit 23 and 22) are latch address bits. As additional leading bits are ignored, only the least significant 24
bits are serial-clocked into the shift register. The first incoming bit is the most significant bit (MSB). To
program the transceiver in multi-channel application, four 24-bit words may be sent: A-word, B-word, C-word
and D-word. If individual bits within a word have to be changed, then it is sufficient to program only the
appropriate 24-bit word. The serial data input timing and the structure of the control words are illustrated in
Fig. 12 and 13.
Fig. 12: SCI Block Diagram
A - LATCH
ADDR DECODER
B - LATCH
C - LATCH
D - LATCH
22
A-word
22
22
‘’
00
‘’
10
‘’
11
‘’
01
2
22
22
22
22
B-word
22
D-word
22
C-word
24-BIT
SHIFT REGISTER
SDEN
SDTA
SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com