Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH71221 Datasheet(PDF) 41 Page - Melexis Microelectronic Systems

Part # TH71221
Description  27 to 930MHz FSK/FM/ASK Transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH71221 Datasheet(HTML) 41 Page - Melexis Microelectronic Systems

Back Button TH71221 Datasheet HTML 36Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 37Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 38Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 39Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 40Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 41Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 42Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 43Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 44Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
TH71221
27 to 930MHz
FSK/FM/ASK Transceiver
39010 071221
Page 41 of 44
Data Sheet
Rev. 005
June/07
10
Package Description
The device TH71221 is RoHS compliant.
Fig 12:
32L QFN 5x5 Quad
all Dimension in mm
D
E
D2
E2
A
A1
A3
L
e
b
min
4.75
4.75
3.00
3.00
0.80
0
0.3
0.18
max
5.25
5.25
3.25
3.25
1.00
0.05
0.20
0.5
0.50
0.30
all Dimension in inch
min
0.187
0.187
0.118
0.118
0.0315
0
0.0118
0.0071
max
0.207
0.207
0.128
0.128
0.0393
0.002
0.0079
0.0197
0.0197
0.0118
10.1 Soldering Information
•
The device TH71221 is qualified for MSL3 with soldering peak temperature 260 deg C
according to JEDEC J-STD-20
A3
A
A1
1
8
24
17
16
9
32
25
D
E
e
b
L
D2
E2
exp o s e d pad
The “exposed pad” is not connected to internal ground,
it should not be connected to the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com