Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH71221 Datasheet(PDF) 25 Page - Melexis Microelectronic Systems

Part # TH71221
Description  27 to 930MHz FSK/FM/ASK Transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH71221 Datasheet(HTML) 25 Page - Melexis Microelectronic Systems

Back Button TH71221 Datasheet HTML 21Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 22Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 23Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 24Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 25Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 26Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 27Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 28Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 29Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
TH71221
27 to 930MHz
FSK/FM/ASK Transceiver
39010 071221
Page 25 of 44
Data Sheet
Rev. 005
June/07
5.1.5
D – word
Name
Bits
Description
Feedback divider ratio in TX operation mode
NT
[16:0]
64d .. 131071d
Set the unlock condition of the PLL
ERTM
[18:17]
00
01
10
11
2 clocks
4 clocks
8 clocks
16 clocks
#default
Set the maximum allowed number of reference clocks
(1/fRO) during the phase detector output signals (UP &
DOWN) can be in-consecutive.
Set the lock condition of the PLL
LDTM
[20:19]
00
01
10
11
4 clocks
16 clocks
64 clocks
256 clocks
#default
Set the minimum number of consecutive edges of phase
detector output cycles, without appearance of any unlock
condition.
Set mode of modulation control:
0
external modulation control
#default
Modulation will be set via pin ASK/FSK.
1
internal modulation control
MODCTRL
[21]
Modulation will be set via bit MODSEL (bit 19 in A-word). Nevertheless pin ASK/FSK must be
connected to either VCC or VEE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com