Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH71221 Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # TH71221
Description  27 to 930MHz FSK/FM/ASK Transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH71221 Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  TH71221 Datasheet HTML 1Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 2Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 3Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 4Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 5Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 6Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 7Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 8Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
TH71221
27 to 930MHz
FSK/FM/ASK Transceiver
39010 071221
Page 1 of 44
Data Sheet
Rev. 005
June/07
Features
!
Single chip solution with only a few external
components
!
Stand-alone fixed-frequency user mode
!
Programmable multi-channel user mode
!
Low current consumption in active mode and
very low standby current
!
PLL-stabilized RF VCO (LO) with internal
varactor diode
!
Lock detect output in programmable
user mode
!
On-chip AFC for extended input frequency
acceptance range
!
3wire bus serial control interface
!
FSK/ASK mode selection
!
FSK for digital data or FM for analog signal
reception
!
RSSI output for signal strength indication and
ASK reception
!
Peak detector for ASK detection
!
Switchable LNA gain for improved dynamic
range
!
Automatic PA turn-on after PLL lock
!
ASK modulation achieved by PA on/off keying
!
32-pin Quad Flat Lead Package (QFN)
Ordering Information
Part Number
Temperature Code
Package Code
Delivery Form
TH71221
E (-40 °C to 85 °C)
LQ (32 L QFN 5x5 Quad)
73 pc/tube
5000 pc/T&R
Application Examples
!
General bi-directional half duplex digital data
RF signaling or analog signal communication
!
Tire Pressure Monitoring Systems (TPMS)
!
Remote Keyless Entry (RKE)
!
Low-power telemetry systems
!
Alarm and security systems
!
Wireless access control
!
Garage door openers
!
Networking solutions
!
Active RFID tags
!
Remote controls
!
Home and building automation
Pin Description
General Description
The TH71221 is a single chip FSK/FM/ASK transceiver IC. It is designed to operate in low-power multi-
channel programmable or single-channel stand-alone, half-duplex data transmission systems. It can be used
for applications in automotive, industrial-scientific-medical (ISM), short range devices (SRD) or similar appli-
cations operating in the frequency range of 300 MHz to 930 MHz. In programmable user mode, the trans-
ceiver can operate down to 27 MHz by employing an external VCO varactor diode.
bottom
top
IN_IFA
IN_DEM
INT2/PDO
RSSI
OUT_DEM
OUT_DTA
INT1
VCC_IF
FS0/SDEN
VEE_PLL
VCC_PLL
FS1/LD
VEE_DIG
LF
TNK_LO
TH71221


Similar Part No. - TH71221

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH71221 MELEXIS-TH71221 Datasheet
2Mb / 44P
FSK/FM/ASK Transceiver
TH71221ELQBAA-000RE MELEXIS-TH71221ELQBAA-000RE Datasheet
2Mb / 44P
FSK/FM/ASK Transceiver
TH71221ELQBAA-000TU MELEXIS-TH71221ELQBAA-000TU Datasheet
2Mb / 44P
FSK/FM/ASK Transceiver
TH71221 MELEXIS-TH71221_15 Datasheet
2Mb / 44P
FSK/FM/ASK Transceiver
More results

Similar Description - TH71221

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH7120 ETC-TH7120 Datasheet
718Kb / 28P
300 to 930MHz FSK/FM/ASK Transceiver
TH71101 ETC-TH71101 Datasheet
656Kb / 20P
FSK/FM/ASK Receiver
TH7121 ETC1-TH7121 Datasheet
710Kb / 28P
300 to 930MHz FSK/FM/ASK Transceiver
logo
Melexis Microelectronic...
TH7122 MELEXIS-TH7122 Datasheet
872Kb / 44P
27 to 930MHz FSK/FM/ASK Transceiver
MLX71120 MELEXIS-MLX71120 Datasheet
707Kb / 30P
300 to 930MHz FSK/FM/ASK Receiver
MLX71121 MELEXIS-MLX71121 Datasheet
665Kb / 28P
300 to 930MHz FSK/FM/ASK Receiver
MLX71122 MELEXIS-MLX71122 Datasheet
882Kb / 44P
300 to 930MHz FSK/FM/ASK Receiver
TH71221 MELEXIS-TH71221_15 Datasheet
2Mb / 44P
FSK/FM/ASK Transceiver
MLX71122 MELEXIS-MLX71122_16 Datasheet
2Mb / 59P
300 to 930MHz FSK/FM/ASK Receiver
MLX71120 MELEXIS-MLX71120_17 Datasheet
1Mb / 30P
300 to 930MHz FSK/FM/ASK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com