Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH71221 Datasheet(PDF) 22 Page - Melexis Microelectronic Systems

Part # TH71221
Description  27 to 930MHz FSK/FM/ASK Transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH71221 Datasheet(HTML) 22 Page - Melexis Microelectronic Systems

Back Button TH71221 Datasheet HTML 18Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 19Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 20Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 21Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 22Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 23Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 24Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 25Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 26Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
TH71221
27 to 930MHz
FSK/FM/ASK Transceiver
39010 071221
Page 22 of 44
Data Sheet
Rev. 005
June/07
5.1.2
A – word
Name
Bits
Description
Reference divider ratio in RX operation mode
RR
[9:0]
4d .. 1023d
Operation mode
OPMODE
[11:10]
00
01
10
11
Standby mode
Receive mode
Transmit mode
Idle mode
#default
LNA gain
0
1
low LNA gain
high LNA gain
#default
LNAGAIN
[12]
This selection is valid if bit LNACTR (bit 21 in C-word) is set to internal LNA gain control.
not used
[13]
set to ‘1’ for correct function
Output power steps
TXPOWER
[15:14]
00
01
10
11
P1
P2
P3
P4
#default
Set the PA-on condition
PACTRL
[16]
0
1
PA is switched on if the PLL locks
PA is always on in TX mode
#default
Set the PLL locked state observation mode
0
before lock only
#default
Locked state condition will be ascertained only one time afterwards the LD signal remains in
high state.
1
before and after lock
LOCKMODE
[17]
locked state will be observed permanently
Charge Pump output current
CPCUR
[18]
0
1
260 µA
1300 µA
#default
Modulation mode
0
1
ASK
FSK
#default
MODSEL
[19]
This selection is valid if bit MODCTRL (bit 21 in D-word) is set to internal modulation
control.
Input data polarity
0
normal
#default
‘0’ for space at ASK or fmin at FSK, ‘1’ for mark at ASK or fmax at FSK
1
inverse
DTAPOL
[20]
‘1’ for space at ASK or fmin at FSK, ‘0’ for mark at ASK or fmax at FSK
Active blocks in IDLE mode
IDLESEL
[21]
0
1
only RO active
whole PLL active
#default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com