Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5320ARKZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5320ARKZ-R7
Description  400 MHz to 2700 MHz RF Driver Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5320ARKZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADL5320ARKZ-R7 Datasheet HTML 1Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 2Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 3Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 4Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 5Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADL5320
Rev. 0 | Page 4 of 16
TYPICAL SCATTERING PARAMETERS
VSUP = 5 V and TA = 25°C; the effects of the test fixture have been de-embedded up to the pins of the device.
Table 2.
Freq (MHz)
S11
S21
S12
S22
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
400
−1.51
164.18
14.18
+128.37
−32.37
+6.77
−3.44
160.94
500
−1.38
155.33
14.03
+118.16
−31.75
+1.48
−3.70
156.73
550
−1.42
151.34
13.79
+112.76
−31.68
−3.93
−3.79
154.66
600
−1.46
147.66
13.72
+108.71
−31.46
−4.60
−3.83
152.89
650
−1.46
144.12
13.53
+104.05
−31.56
−6.81
−3.90
151.08
700
−1.50
140.66
13.45
+98.89
−31.13
−9.87
−3.99
149.38
750
−1.56
137.19
13.21
+95.44
−31.12
−11.14
−4.02
147.87
800
−1.61
133.97
13.29
+90.33
−31.00
−13.96
−4.07
146.36
850
−1.66
130.74
13.04
+86.67
−30.60
−14.90
−4.12
144.94
900
−1.72
127.65
13.03
+81.59
−30.72
−17.78
−4.21
143.60
950
−1.85
124.15
12.92
+77.91
−30.31
−20.23
−4.25
142.41
1000
−1.92
120.90
12.93
+73.13
−30.22
−22.21
−4.27
141.31
1050
−2.02
117.54
12.92
+68.80
−29.98
−24.19
−4.32
140.51
1100
−2.20
114.21
12.76
+64.12
−29.80
−28.18
−4.37
139.63
1150
−2.41
110.72
12.97
+59.95
−29.39
−29.56
−4.43
138.68
1200
−2.62
107.22
12.69
+54.62
−29.46
−33.00
−4.42
138.09
1250
−2.87
103.77
12.98
+50.95
−29.03
−37.13
−4.47
137.74
1300
−3.16
99.97
12.87
+44.96
−28.75
−38.18
−4.44
137.08
1350
−3.65
96.51
12.94
+40.47
−28.81
−44.64
−4.45
136.77
1400
−4.09
92.23
12.87
+35.36
−28.26
−46.78
−4.40
136.49
1450
−4.59
88.76
13.04
+30.47
−28.43
−49.56
−4.37
136.43
1500
−5.28
84.62
13.00
+24.40
−28.13
−56.47
−4.29
135.79
1550
−6.09
80.71
12.89
+19.39
−27.96
−59.31
−4.20
135.63
1600
−6.98
77.02
13.13
+14.80
−27.98
−62.71
−4.05
135.39
1650
−8.06
72.69
13.07
+7.27
−27.73
−69.93
−3.88
134.43
1700
−9.38
68.92
13.00
+2.17
−27.49
−73.80
−3.71
133.76
1750
−11.15
66.21
12.97
−3.27
−27.78
−77.79
−3.59
132.94
1800
−13.20
63.18
13.18
−9.57
−27.23
−85.28
−3.29
131.04
1850
−15.83
63.73
13.03
−17.27
−27.36
−89.22
−3.11
129.62
1900
−19.87
71.29
12.84
−22.35
−27.40
−96.30
−2.93
127.46
1950
−24.51
103.69
13.08
−29.10
−27.26
−102.96
−2.69
124.63
2000
−22.66
156.61
12.86
−36.58
−27.33
−109.25
−2.54
122.53
2050
−18.02
171.65
12.88
−43.14
−27.33
−117.37
−2.50
118.78
2100
−14.34
174.52
12.63
−51.83
−27.54
−124.60
−2.35
115.97
2150
−12.10
172.15
12.45
−55.83
−27.77
−132.56
−2.44
112.52
2200
−10.23
166.81
12.65
−67.28
−27.74
−141.32
−2.42
108.19
2250
−8.65
160.58
11.82
−73.99
−28.34
−149.30
−2.43
104.65
2300
−7.90
153.80
11.84
−79.82
−28.62
−161.50
−2.74
100.98
2350
−6.66
145.88
11.55
−91.28
−28.92
−165.89
−2.62
96.52
2400
−6.35
138.01
10.97
−96.39
−29.75
+179.97
−2.94
92.52
2450
−5.77
128.87
10.36
−108.43
−30.13
+170.82
−3.03
88.07
2500
−5.51
118.44
9.65
−110.92
−30.41
+163.00
−3.24
83.25
2550
−5.35
112.21
9.46
−122.10
−32.29
+152.20
−3.41
79.98
2600
−5.15
99.40
7.99
−130.39
−31.60
+138.60
−3.55
73.08
2650
−5.22
92.84
7.70
−132.72
−33.19
+135.12
−3.80
69.85
2700
−5.06
82.21
6.61
−143.64
−33.61
+120.22
−3.93
63.87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com