Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5320ARKZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5320ARKZ-R7
Description  400 MHz to 2700 MHz RF Driver Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5320ARKZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5320ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 9Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 10Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 11Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 12Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 13Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 14Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 15Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADL5320
Rev. 0 | Page 13 of 16
The ADL5320 achieves an ACPR of −82 dBc at 0 dBm output,
at which point device noise and not distortion is beginning to
dominate the power in the adjacent channels. At an output
power of 10 dBm, ACPR is still very low at −70 dBc making the
device particularly suitable for PA driver applications.
Table 7. Load Conditions for Gain MAX
Frequency (MHz)
ΓLoad
(Magnitude)
ΓLoad (°)
Gain MAX (dB)
880
0.5147
159.88
17.76
2140
0.6611
134.40
13.78
2600
0.5835
133.80
12.36
–30
–40
–50
–60
–70
–80
–90
POUT (dBm)
–20
–15
–10
–5
0
5
10
15
20
Table 8. Load Conditions for IP3 MAX
Frequency (MHz)
ΓLoad
(Magnitude)
ΓLoad (°)
IP3 MAX (dBm)
880
0.4156
−138.22
46.29
2140
0.5035
+110.27
42.72
2600
0.4595
+102.48
43.01
W-CDMA ACPR PERFORMANCE
Figure 31 shows a plot of adjacent channel power ratio (ACPR)
vs. POUT for the ADL5320. The signal type being used is a single
W-CDMA carrier (Test Model 1−64) at 2140 MHz. This signal
is generated by a very low ACPR source. ACPR is measured at
the output by a high dynamic range spectrum analyzer, which
incorporates an instrument noise correction function.
Figure 31. ACPR vs. POUT, Single Carrier W-CDMA (Test Model 1−64) at 2140
MHz Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com