Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5320ARKZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5320ARKZ-R7
Description  400 MHz to 2700 MHz RF Driver Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5320ARKZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5320ARKZ-R7 Datasheet HTML 5Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 9Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 10Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 11Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 12Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADL5320
Rev. 0 | Page 9 of 16
40
35
30
25
20
15
10
5
0
FREQUENCY (MHz)
2500 2520 2540 2560 2580
2660 2680
2600 2620 2640
2700
OIP3 (10dBm)
NF
GAIN
P1dB
Figure 15. Gain, P1dB, OIP3, and Noise Figure vs. Frequency,
2500 MHz to 2700 MHz
2500
2550
2600
2650
2700
15
14
13
12
11
10
9
FREQUENCY (MHz)
–40°C
+85°C
+25°C
Figure 16. Gain vs. Frequency and Temperature, 2500 MHz to 2700 MHz
–25.0
–25.5
–26.0
–26.5
–27.0
–27.5
–28.0
–28.5
–29.0
–29.5
–30.0
0
–5
–10
–15
–20
–25
–30
–35
–40
FREQUENCY (MHz)
2400
2450
2500
2600
2550
2700
2650
2750
2800
S11
S12
S22
Figure 17. Input Return Loss (S11), Output Return Loss (S22), and Reverse
Isolation (S12) vs. Frequency, 2500 MHz to 2700 MHz
2500
2550
2600
2650
2700
39
38
37
36
35
34
33
32
31
30
29
FREQUENCY (MHz)
32
31
30
29
28
27
26
25
P1dB (–40°C)
P1dB (+25°C)
P1dB (+85°C)
OIP3 (+25°C)
OIP3 (+85°C)
OIP3 (–40°C)
Figure 18. OIP3 and P1dB vs. Frequency and Temperature,
2500 MHz to 2700 MHz
46
44
42
40
38
36
34
32
30
POUT (dBm)
–3
–1
1
3
5
7
9
11
13
15
17
19
21
23
2500MHz
2700MHz
2600MHz
Figure 19. OIP3 vs. POUT and Frequency, 2500 MHz to 2700 MHz
8.0
7.5
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
FREQUENCY (MHz)
2400
2450
2500
2550
2600
2650
2700
2750
2800
–40°C
+25°C
+85°C
Figure 20. Noise Figure vs. Frequency and Temperature,
2500 MHz to 2700 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com