Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5320ARKZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5320ARKZ-R7
Description  400 MHz to 2700 MHz RF Driver Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5320ARKZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5320ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 9Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 10Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 11Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 12Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 13Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 14Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADL5320
Rev. 0 | Page 11 of 16
BASIC LAYOUT CONNECTIONS
The basic connections for operating the ADL5320 are shown in
Figure 26.
Table 5 lists the required matching components. Capacitors C1,
C2, C3, C4, and C7 are Murata GRM155 series (0402 size) and
Inductor L1 is a Coilcraft 0603CS series (0603 size). For all
frequency bands, the placement of C3 and C7 are critical. From
2300 MHz to 2700 MHz, the placement of C2 is also important.
Table 6 lists the recommended component placement for
various frequencies.
A 5 V dc bias is supplied through L1 which is connected to
RFOUT (Pin 3). In addition to C4, 10 nF and 10 μF power
supply decoupling capacitors are also required. The typical
current consumption for the ADL5320 is 110 mA.
1
2
(2)
3
ADL5320
C6 10µF
C5 10nF
C41
L11
VSUP
GND
RFIN
C21
C71
RFOUT
C11
C31
λ12
λ32
λ42
λ22
1SEE TABLE 5 FOR FREQUENCY SPECIFIC COMPONENTS.
2SEE TABLE 10 FOR RECOMMENDED COMPONENT SPACING.
Figure 26. Basic Connections
SOLDERING INFORMATION AND RECOMMENDED
PCB LAND PATTERN
Figure 27 shows the recommended land pattern for the ADL5320.
To minimize thermal impedance, the exposed paddle on the
SOT-89 package underside is soldered down to a ground plane
along with Pin 2. If multiple ground layers exist, they should
be stitched together using vias. For more information on land
pattern design and layout, refer to the Application Note AN-772,
A Design and Manufacturing Guide for the Lead Frame Chip
Scale Package (LFCSP).
1.50mm
3.00mm
1.27mm
0.62mm
3.48mm
1.80mm
0.86mm
5.56mm
0.20mm
Figure 27. Recommended Land Pattern
Table 5. Recommended Components for Basic Connections
Frequency (MHz)
C1 (pF)
C2 (pF)
C3 (pF)
C4 (pF)
C7 (pF)
L1 (nH)
450 to 500
100
100
18
100
6.8
47
800 to 960
47
47
6.8
100
2.2
47
1805 to 1880
22
22
0.5
22
1.5
15
1930 to 1990
22
22
0.5
22
1.5
15
2110 to 2170
22
22
0.5
22
1.5
15
2300 to 2400
12
2.2
1.2
12
1.0
15
2500 to 2700
12
1.0
1.8
12
0.5
15
Table 6. Matching Component Spacing
Frequency (MHz)
λ1 (mils)
λ2 (mils)
λ3 (mils)
λ4 (mils)
450 to 500
391
75
364
50
800 to 960
200
75
100
350
1805 to 2170
300
75
175
275
2300 to 2400
225
75
125
125
2500 to 2700
142
75
89
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com