Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5320ARKZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5320ARKZ-R7
Description  400 MHz to 2700 MHz RF Driver Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5320ARKZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5320ARKZ-R7 Datasheet HTML 3Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 4Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 5Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 9Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 10Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADL5320
Rev. 0 | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
50
45
40
35
30
25
20
15
10
5
0
FREQUENCY (MHz)
800
820
840
860
880
900
920
940
960
NF
GAIN
P1dB
OIP3 (10dBm)
Figure 3. Gain, P1dB, OIP3, and Noise Figure vs. Frequency,
800 MHz to 960 MHz
19.0
18.5
18.0
17.5
17.0
16.5
16.0
15.5
15.0
14.5
14.0
FREQUENCY (MHz)
800
820
840
860
880
900
920
940
960
–40°C
+85°C
+25°C
Figure 4. Gain vs. Frequency and Temperature, 800 MHz to 960 MHz
–25.0
–25.5
–26.0
–26.5
–27.0
–27.5
–28.0
–28.5
–29.0
0
–5
–10
–15
–20
–25
–30
–35
–40
FREQUENCY (MHz)
700
750
800
850
900
950
1000
S12
S11
S22
Figure 5. Input Return Loss (S11), Output Return Loss (S22), and Reverse
Isolation (S12) vs. Frequency, 800 MHz to 960 MHz
50
45
40
35
30
25
20
30
29
28
27
26
25
24
FREQUENCY (MHz)
800
820
840
860
880
900
920
940
960
P1dB (–40°C)
P1dB (+85°C)
OIP3 (+25°C)
OIP3 (+85°C)
OIP3 (–40°C)
P1dB (+25°C)
Figure 6. OIP3 and P1dB vs. Frequency and Temperature,
800 MHz to 960 MHz
50
46
42
38
34
30
–2
0
2
4
6
8
10
1214
161820
22
POUT (dBm)
830MHz
930MHz
880MHz
850MHz
960MHz
Figure 7. OIP3 vs. POUT and Frequency, 800 MHz to 960 MHz
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
FREQUENCY (MHz)
700
750
800
850
900
950
1000
–40°C
+25°C
+85°C
Figure 8. Noise Figure vs. Frequency and Temperature, 800 MHz to 960 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com