Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5320ARKZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5320ARKZ-R7
Description  400 MHz to 2700 MHz RF Driver Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5320ARKZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5320ARKZ-R7 Datasheet HTML 4Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 5Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 9Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 10Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 11Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADL5320
Rev. 0 | Page 8 of 16
2060
2080
2100
2120
2140
2160
2180
2200
2220
45
40
35
30
25
20
15
10
5
0
FREQUENCY (MHz)
NF
GAIN
P1dB
OIP3 (10dBm)
Figure 9. Gain, P1dB, OIP3, and Noise Figure vs. Frequency,
2060 MHz to 2200 MHz
2060
2080
2100
2120
2140
2160
2180
2200
2220
16
15
14
13
12
11
10
FREQUENCY (MHz)
–40°C
+85°C
+25°C
Figure 10. Gain vs. Frequency and Temperature, 2060 MHz to 2200 MHz
–23
–24
–25
–26
–27
–28
–29
0
–5
–10
–15
–20
–25
–30
–35
–40
FREQUENCY (MHz)
1900
1950
2000
2100
2050
2150
2200
2250
2300
S11
S12
S22
Figure 11. Input Return Loss (S11), Output Return Loss (S22), and Reverse
Isolation (S12) vs. Frequency, 2060 MHz to 2200 MHz
45
43
41
39
37
35
33
31
29
29.0
28.5
28.0
27.5
27.0
26.5
26.0
25.5
25.0
24.5
FREQUENCY (MHz)
2060
2080
2100
2120
2140
2160
2180
2200
2220
P1dB (–40°C)
P1dB (+85°C)
OIP3 (+25°C)
OIP3 (+85°C)
OIP3 (–40°C)
P1dB (+25°C)
Figure 12. OIP3 and P1dB vs. Frequency and Temperature,
2060 MHz to 2200 MHz
43
41
39
37
35
33
31
–2
0
2
4
6
8
10
1214
161820
22
POUT (dBm)
2190MHz
2060MHz
2090MHz
2140MHz
2220MHz
Figure 13. OIP3 vs. POUT and Frequency, 2060 MHz to 2200 MHz
8.0
7.5
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
FREQUENCY (MHz)
1900
1950
2000
2050
2100
2150
2200
2250
2300
–40°C
+25°C
+85°C
Figure 14. Noise Figure vs. Frequency and Temperature,
2060 MHz to 2200 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com