Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5320ARKZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5320ARKZ-R7
Description  400 MHz to 2700 MHz RF Driver Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5320ARKZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5320ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 9Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 10Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 11Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 12Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 13Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 14Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 15Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
ADL5320
Rev. 0 | Page 15 of 16
10uF
C3
18pF
C7
6.8pF
C1
100pF
C2
100pF
10nF
100pF
47nH
Figure 34. Evaluation Board Layout and Component Placement
450 MHz to 500 MHz Operation
10uF
C3
6.8pF
C7
2.2pF
C1
47pF
C2
47pF
10nF
100pF
47nH
Figure 35. Evaluation Board Layout and Component Placement
800 MHz to 960 MHz Operation
10uF
12pF
C3
C1
C2
2.2pF
10nF
12pF
15nH
1.2pF
C7
1pF
R1 0Ω
Figure 36. Evaluation Board Layout and Component Placement
2300 MHz to 2400 MHz Operation
10uF
C3
1.8pF
C7
0.5pF
C1
12pF
C2
1.0pF
10nF
12pF
15nH
R1 0Ω
Figure 37. Evaluation Board Layout and Component Placement
2500 MHz to 2700 MHz Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com