Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5320ARKZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5320ARKZ-R7
Description  400 MHz to 2700 MHz RF Driver Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5320ARKZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5320ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 9Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 10Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 11Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 12Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 13Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 14Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 15Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADL5320
Rev. 0 | Page 14 of 16
EVALUATION BOARD
The schematic of the ADL5320 evaluation board is shown in
Figure 32. This evaluation board uses 25 mil wide traces and is
made from FR4 material. The evaluation board comes tuned for
operation in the 1805 MHz to 2140 MHz tuning band. Tuning
options for other frequency bands are also provided in Table 9.
The recommended placement for these components is provided
in Table 10. The inputs and outputs should be ac-coupled with
appropriately sized capacitors. DC bias is provided to the
amplifier via an inductor connected to the RFOUT pin. A bias
voltage of 5 V is recommended.
1
2
(2)
3
ADL5320
C6 10µF
C5 10nF
C4 22pF
L1
15nH
VSUP
GND
RFIN
C2
22pF
C7
1.5pF
RFOUT
C1
22pF
C3
0.5pF
λ1
λ3
λ4
λ2
Figure 32. Evaluation Board, 1805 MHz to 2170 MHz
10uF
C3
0.5pF
C7
1.5pF
C1
22pF
C2
22pF
10nF
22pF
15nH
Figure 33. Evaluation Board Layout and Default Component Placement for
Operation from 1805 MHz to 2170 MHz
Table 9. Evaluation Board Configuration Options
Component
Function
450 MHz to 500 MHz
800 MHz to 960 MHz
1805 MHz to
2170 MHz
(Default
Configuration)
2300 MHz to
2400 MHz
2500 MHz to
2700 MHz
C1, C2
AC coupling
capacitors
0402, 100 pF
0402, 47 pF
0402, 22pF
C1= 0402 12 pF
C2 = 0402 2.2 pF
C1 = 0402 12 pF
C2 = 0402 1.0 pF
C4, C5, C6
Power supply
bypassing
capacitors
C4 = 0603 100 pF
C5 = 0603 10 nF
C6 = 1206 10 μF
C4 = 0603 100 pF
C5 = 0603 10 nF
C6 = 1206 10 μF
C4 = 0402 22pF
C5 = 0603 10 nF
C6 = 1206 10 μF
C4 = 0603 12 pF
C5 = 0603 10 nF
C6 = 1206 10 μF
C4 = 0603 12 pF
C5 = 0603 10 nF
C6 = 1206 10 μF
L1
DC bias
inductor
0603, 47 nH
0603, 47 nH
0603, 15 nH
0603, 15 nH
0603, 15 nH
C3, C7
Tuning
capacitors
C3 = 0402 18 pF
C7 = 0402 6.8 pF
C3 = 0402 6.8 pF
C7 = 0402 2.2 pF
C3 = 0402 0.5 pF
C7 = 0402 1.5 pF
C3 = 0402 1.2 pF
C7 = 0402 1.0 pF
C3 = 0402 1.8 pF
C7 = 0402 0.5 pF
R1
R1 = 0402 0 Ω
R1 = 0402 0 Ω
VSUP, GND
Power supply
connections
VSUP red test
loop, GND black test
loop
VSUP red test
loop, GND black test
loop
VSUP red test
loop, GND black
test loop
VSUP red test
loop, GND black
test loop
VSUP red test
loop, GND black
test loop
Table 10. Recommended Component Spacing on Evaluation Board
Frequency (MHz)
λ1 (mils)
λ2 (mils)
λ3 (mils)
λ4 (mils)
450 to 500
391
75
364
50
800 to 960
200
75
100
350
1805 to 2170
300
75
175
275
2300 to 2400
225
75
125
125
2500 to 2700
142
75
89
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com