Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX99100 Datasheet(PDF) 12 Page - ASIX Electronics Corporation

Part # AX99100
Description  PCIe to Multi I/O Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX99100 Datasheet(HTML) 12 Page - ASIX Electronics Corporation

Back Button AX99100 Datasheet HTML 8Page - ASIX Electronics Corporation AX99100 Datasheet HTML 9Page - ASIX Electronics Corporation AX99100 Datasheet HTML 10Page - ASIX Electronics Corporation AX99100 Datasheet HTML 11Page - ASIX Electronics Corporation AX99100 Datasheet HTML 12Page - ASIX Electronics Corporation AX99100 Datasheet HTML 13Page - ASIX Electronics Corporation AX99100 Datasheet HTML 14Page - ASIX Electronics Corporation AX99100 Datasheet HTML 15Page - ASIX Electronics Corporation AX99100 Datasheet HTML 16Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 70 page
background image
12
Copyright © 2016 ASIX Electronics Corporation. All rights reserved.
AX99100
PCIe to Multi I/O Controller
1.4.2
Serial Interface for COM Port
Table 1-5: Serial Interface for COM Port Pin Description
Serial Interface for COM Port
Pin Name
Type
Pin No
Pin Description
TXD1
TXD2
TXD3
TXD4
O5/4m
9
68
50
42
Transmit data output to transceiver or IrDA data output to IR LED
DTR1
DTR2
DTR3
DTR4
B5/PD/4m
8
67
49
41
Data Terminal Ready
These pins have internal pull-down during reset. If there is the external pull-up
resisters connected to these pins separately, it will work for RS-232 function with
active low. Otherwise, it will work for RS-485 function (DXEN) with active high
and the output can be enabled by register (the default is disabled). Please
reference to Section 3.2.
RTS1
RTS2
RTS3
RTS4
O5/4m
7
66
48
40
Request to send (Active Low)
Note: These pins will be changed to RXEN when Software enabled RS-485
function for the corresponding ports.
RXD1
RXD2
RXD3
RXD4
I5/PU
5
65
47
38
Serial received data input from transceiver or IrDA data input from IrDA
detector.
RI1
RI2
RI3
RI4
I5
3
64
46
34
Ring Indicator (Active Low)
DSR1
DSR2
DSR3
DSR4
I5
4
63
45
33
Data Set Ready (Active Low)
DCD1
DCD2
DCD3
DCD4
I5
2
62
44
32
Data Carrier Detect (Active Low)
CTS1
CTS2
CTS3
CTS4
I5
1
61
43
31
Clear to send (Active Low)
Note 1: Serial Port 1 and 2 are only valid when CHIP_MODE = 001, 011, 101 and 110.
Note 2: Serial Port 3 and 4 are only valid when CHIP_MODE = 011.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com