Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX99100 Datasheet(PDF) 35 Page - ASIX Electronics Corporation

Part # AX99100
Description  PCIe to Multi I/O Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX99100 Datasheet(HTML) 35 Page - ASIX Electronics Corporation

Back Button AX99100 Datasheet HTML 31Page - ASIX Electronics Corporation AX99100 Datasheet HTML 32Page - ASIX Electronics Corporation AX99100 Datasheet HTML 33Page - ASIX Electronics Corporation AX99100 Datasheet HTML 34Page - ASIX Electronics Corporation AX99100 Datasheet HTML 35Page - ASIX Electronics Corporation AX99100 Datasheet HTML 36Page - ASIX Electronics Corporation AX99100 Datasheet HTML 37Page - ASIX Electronics Corporation AX99100 Datasheet HTML 38Page - ASIX Electronics Corporation AX99100 Datasheet HTML 39Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 70 page
background image
35
Copyright © 2016 ASIX Electronics Corporation. All rights reserved.
AX99100
PCIe to Multi I/O Controller
Offset 0x00~0x16:
Please reference section 3.3.1.
Local Bus Interrupt Enable/Miscellaneous Setting (0x19~0x18)
Bit
Description
0
INT0 Wakeup Enable
1: Enable INT0 wakeup
0: Disable INT0 wakeup
Hardware Default Value: 0x0
1
INT1 Wakeup Enable
1: Enable INT1 wakeup
0: Disable INT1 wakeup
Hardware Default Value: 0x0
2
RDY Timeout Enable
1: Enables RDY timeout.
0: Disable RDY timeout.
Hardware Default Value: 0x0
3
RDY Timeout Select
1: 128 clocks
0: 32 clocks
Hardware Default Value: 0x0
4
Ready Polarity
1: Active high
0: Active low
Hardware Default Value: 0x1
5
ALE Polarity
1: Active High
0: Active Low
Hardware Default Value: 0x1
6
Synchronous Bus
1: Synchronous Bus
0: Asynchronous Bus
Hardware Default Value: 0x0
7
Multiplexed Bus
1: Address and Data multiplexed
0: Address and Data bus separated
Hardware Default Value: 0x0
8
CLKO Driven Strength
1: 8mA
0: 4mA
Hardware Default Value: 0x1
9
CLKO Output Enable
1: Enable clock output
0: Disable clock output
Hardware Default Value: 0x1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com