Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX99100 Datasheet(PDF) 24 Page - ASIX Electronics Corporation

Part # AX99100
Description  PCIe to Multi I/O Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX99100 Datasheet(HTML) 24 Page - ASIX Electronics Corporation

Back Button AX99100 Datasheet HTML 20Page - ASIX Electronics Corporation AX99100 Datasheet HTML 21Page - ASIX Electronics Corporation AX99100 Datasheet HTML 22Page - ASIX Electronics Corporation AX99100 Datasheet HTML 23Page - ASIX Electronics Corporation AX99100 Datasheet HTML 24Page - ASIX Electronics Corporation AX99100 Datasheet HTML 25Page - ASIX Electronics Corporation AX99100 Datasheet HTML 26Page - ASIX Electronics Corporation AX99100 Datasheet HTML 27Page - ASIX Electronics Corporation AX99100 Datasheet HTML 28Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 70 page
background image
24
Copyright © 2016 ASIX Electronics Corporation. All rights reserved.
AX99100
PCIe to Multi I/O Controller
GPIO Function
2.8
There are up to 24 General Purpose Input/output pins (GPIO[23:0]) in AX99100, reference section 1.4.1, Table 1-4,
in none Local Bus mode. The driving strength of GPIO[7:0] are 8mA and GPIO[23:8] are 4mA only. Each GPIO pin
is independent and can be configured for input or output, open drain or direct drive, internal pull-up enabled and event
mode detection for IRQ generation. Due to GPIO[5:2] have been used for CHIP_MODE and 3.3Vaux detection,
these pins can be used as the directed drive output pin without internal pull-up feature.
Power Management
2.9
The AX99100 supports the following power management and budgeting features.
Compliant with PCI Power Management Interface Specification 1.2
Supports Native Active State Power Management L0s state
Supports Power Management Event (PME message)
Supports CLK_REQ mechanism for Express card interface
Supports wakeup from D3 hot and D3 cold states
AX99100 supports all the device power management states defined in PCI Bus Power Management Interface
Specification 1.2. Power Management capabilities are mentioned in Power Management Capability (PMC) register
of configuration space which provides information on the capabilities of the function related to power management.
Bit[15] of PMC, i.e. wake from D3 cold is supported only if auxiliary power is present, this bit is updated through
bootstrap option on pin “GPIO2” or “A3” (weak pull-up with supply 3.3V AUX is connected to pin “GPIO2” or
“A3”) and logic AND with the contents in Bit[2] of EEPROM offset 0Fh(Func0), 23h(Func1), 37h(Func2) and
4Bh(Func3) corresponds to Bit[15] of PMC, please reference section 3.3.1, Power Management Capabilities_Fx, in
detail.
AX99100 Supports wakeup from any power management capable device connected to AX99100 from both D3 hot
and D3 cold states.
D3 hot: Any device connected to AX99100 can wakeup the system from D3-hot state (Standby) through WAKEn
(referred as WAKE# in PCIe base specification 1.1) or through PME message. Default wakeup is through WAKEn.
EEPROM should be configured in order to wake the PC through PME message from D3 hot state.
D3 cold: Any devices connected to AX99100 can wakeup the system from D3-cold state (Hibernate) through
WAKEn only (referred as WAKE# in PCIe base Specification 1.1).
Note: There is NO power plane separation between 3.3V AUX and VCCIO in AX99100. In D3 Cold, the chip
VCCIO and VCC33A_REG should be powered from 3.3V AUX to support remote wake up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com