Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX99100 Datasheet(PDF) 67 Page - ASIX Electronics Corporation

Part # AX99100
Description  PCIe to Multi I/O Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX99100 Datasheet(HTML) 67 Page - ASIX Electronics Corporation

Back Button AX99100 Datasheet HTML 62Page - ASIX Electronics Corporation AX99100 Datasheet HTML 63Page - ASIX Electronics Corporation AX99100 Datasheet HTML 64Page - ASIX Electronics Corporation AX99100 Datasheet HTML 65Page - ASIX Electronics Corporation AX99100 Datasheet HTML 66Page - ASIX Electronics Corporation AX99100 Datasheet HTML 67Page - ASIX Electronics Corporation AX99100 Datasheet HTML 68Page - ASIX Electronics Corporation AX99100 Datasheet HTML 69Page - ASIX Electronics Corporation AX99100 Datasheet HTML 70Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 67 / 70 page
background image
67
AX99100
PCIe to Multi I/O Controller
Copyright © 2016 ASIX Electronics Corporation. All rights reserved.
Symbol
Description
Min
Typ
Max
Units
Clock
Tck
Clock Period
16
-
-
ns
Tck_h
Clock Low Time
-
Tck/2-1
-
ns
Tck_l
Clock High Time
-
Tck/2-1
-
ns
Tck_ris
Clock Rising Time
-
1
-
ns
Tck_fall
Clock Falling Time
-
1
-
ns
Bus Timing
Tcs_dly
Chip Select Delay
0.2
1
ns
Tcs_set
Chip Select Setup Time
Chip Select active to Read/Write active
-0.2
-
Tck/2+0.2
ns
Tcs_hd
Chip Select Hold Time
Write inactive to Chip Select inactive
Tck/2-1.3
-
Tck*DA_
HD
ns
Tale_ctrl ALE to control active
ALE inactive to read or write active
Tck/4-0.2
-
Tck*DA_S
ET-0.1
ns
Tale_dly ALE Delay
Tck/4+0.3
-
Tck/4+1
ns
Tale_wd ALE Width
-
Tck*(ALE_PW+1)
-
ns
Trd_dly
Read Delay
0.1
-
1
ns
Trd_wd
Read Width
-
Tck*(RD_ACC+1) ,
or RDY active,
or RDY timeout
-
ns
Tbrd_wd Burst Read Width
-
Tck*(BRD_ACC+1)
-
ns
Twr_dly
Write Delay
0.3
-
1
ns
Twr_wd
Write Width
-
Tck*(WR_ACC+1),
RDY active
or RDY timeout
-
ns
Tagap
Access Gap
Tck*(AGAP
+1)
-
-
ns
Ta_dly
Address Delay
-
-
0.5
ns
Tcs_ale
ALE with Chip Select
Chip Select active to ALE inactive
-
Tck/4 + 0.1
-
ns
Ta_set
Address Setup
Address valid to Read/Write active
0.4
Tck*DA_SET
-
ns
Ta_hd
Address hold
Write inactive to Address invalid
Tck/2
-
Tck*DA_
HD
ns
Tadr_set Address Setup
Address valid to ALE inactive
Tck*(ALE_P
W+3/4)
-
Tck*(ALE
_PW+3/4)
+1.1
ns
Tadr_hd
Address Hold
ALE inactive to Address invalid
Tck/4 - 1.2
-
Tck/4
ns
Tda_dly
Data bus Delay
-0.5
-
0.5
ns
Tdaf
Data Float
Read active to Data bus float
-1.1
-
0.2
ns
Tdwr_set Data Write Setup
Data valid to Write active
0.4
-
Tck*DA_S
ET
ns
Tdwr_hd Data Write Hold
Write inactive to Data invalid (bus floating)
Tck/2
-
Tck*DA_
HD
ns
Trdy_set RDY Setup
0
-
-
ns
Tdak_dly DACK[1:0] Delay
0
-
0.6
ns
Tint_wd
INT[1:0] Width
Tck*2
-
-
ns
Table 4-2: Local Bus Timing Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com