Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX99100 Datasheet(PDF) 40 Page - ASIX Electronics Corporation

Part # AX99100
Description  PCIe to Multi I/O Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX99100 Datasheet(HTML) 40 Page - ASIX Electronics Corporation

Back Button AX99100 Datasheet HTML 36Page - ASIX Electronics Corporation AX99100 Datasheet HTML 37Page - ASIX Electronics Corporation AX99100 Datasheet HTML 38Page - ASIX Electronics Corporation AX99100 Datasheet HTML 39Page - ASIX Electronics Corporation AX99100 Datasheet HTML 40Page - ASIX Electronics Corporation AX99100 Datasheet HTML 41Page - ASIX Electronics Corporation AX99100 Datasheet HTML 42Page - ASIX Electronics Corporation AX99100 Datasheet HTML 43Page - ASIX Electronics Corporation AX99100 Datasheet HTML 44Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 70 page
background image
40
Copyright © 2016 ASIX Electronics Corporation. All rights reserved.
AX99100
PCIe to Multi I/O Controller
Local Address Space 1 Setting (0x2B~0x2A)
Bit
Description
0
INT1 Polarity
1: Active High
0: Active Low
Hardware Default Value: 0x0
1
INT1 Trigger Style
1: Level Trigger
0: Edge Trigger
Hardware Default Value: 0x0
2
DREQ1 Polarity
1: Active High
0: Active Low
Hardware Default Value: 0x0
3
DACK1 Polarity
1: Active High
0: Active Low
Hardware Default Value: 0x1
4
Local address Space 1 External Ready control
1: External RDY control usage for Local Address Space 1 bus access
0: Internal counter used for Local Address Space 1 bus access
Hardware Default Value: 0x0
5
Bus Endian and Alignment for Local Address Space 1
When data bus width is 16-bit,
1: Big endian
0: Little endian
When data bus width is 8-bit,
1: Data place to/from DA[15:8]
0: Data place to/from DA[7:0]
Hardware Default Value: 0x0
6
Data Bus Width for Local Address Space 1
1: Bus width 16-bit width
0: Bus width 8-bit width
Hardware Default Value: 0x1
7
ALE Insertion Enable for Local Address Space 1
1: Enable ALE insertion
0: Disable ALE insertion
Note: This bit should be set to ‘1’ when bit7 of “Local Bus Interrupt Enable/Miscellaneous Setting”,
offset 0x19~0x18, is ‘1’.
Hardware Default Value: 0x0
8
Chip Select (CS1n) Enable for Local address Space 1
1: Enable Local Address Space 1 Chip Select
0: Disable Local Address Space 1 Chip Select
Hardware Default Value: 0x1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com